Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD42211 Arkusz danych(PDF) 2 Page - Solid State Optronic

Numer części AD42211
Szczegółowy opis  2 Form A Solid State Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SSOUSA [Solid State Optronic]
Strona internetowa  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD42211 Arkusz danych(HTML) 2 Page - Solid State Optronic

  AD42211 Datasheet HTML 1Page - Solid State Optronic AD42211 Datasheet HTML 2Page - Solid State Optronic AD42211 Datasheet HTML 3Page - Solid State Optronic AD42211 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AD42211
2 Form A
Solid State Relay
ELECTRICAL CHARACTERISTICS - 25°
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Turn-On Current
m
52.5
Io = 150mA
A
Turn-Off Current
m
0.5
A
OUTPUT SPECIFICATIONS
Blocking Voltage
V
400
Io = 10uA
Continuous Load Current
m
150
If = 5mA
A
On-Resistance
15
20
Io = 150mA
Leakage Current
µ
0.7
10
Vo = 400V
A
Output Capacitance
p
25
50
Vo = 25V, f = 1.0MHz
F
Offset Voltage
m
0.2
If = 5mA
V
COUPLED SPECIFICATIONS
Isolation Voltage
V
2500
T = 1 minute
-H Suffix
V
3750
T = 1 minute
Turn-On Time
m
0.5
3
If = 5mA, Io = 150mA
s
Turn-Off Time
m
0.15
1
If = 5mA, Io = 150mA
s
Isolation Resistance
G
100
Coupled Capacitance
p
2
F
Contact Transient Ratio
V
2000
7000
dV = 50V
/
µ s
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com


Podobny numer części - AD42211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AD422-00 ETC2-AD422-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
More results

Podobny opis - AD42211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1503AAC VISHAY-LH1503AAC_11 Datasheet
156Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.5, 25-Jul-11
LH1503AB VISHAY-LH1503AB Datasheet
58Kb / 5P
   2 Form A Solid State Relay
Revision 06-March-02
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com