Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA0105A Arkusz danych(PDF) 7 Page - Tripath Technology Inc.

Numer części TA0105A
Szczegółowy opis  STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPATH [Tripath Technology Inc.]
Strona internetowa  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA0105A Arkusz danych(HTML) 7 Page - Tripath Technology Inc.

Back Button TA0105A Datasheet HTML 3Page - Tripath Technology Inc. TA0105A Datasheet HTML 4Page - Tripath Technology Inc. TA0105A Datasheet HTML 5Page - Tripath Technology Inc. TA0105A Datasheet HTML 6Page - Tripath Technology Inc. TA0105A Datasheet HTML 7Page - Tripath Technology Inc. TA0105A Datasheet HTML 8Page - Tripath Technology Inc. TA0105A Datasheet HTML 9Page - Tripath Technology Inc. TA0105A Datasheet HTML 10Page - Tripath Technology Inc. TA0105A Datasheet HTML 11Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
T r ip a t h T e ch n o lo gy, In c . - T ech n i c a l In fo r m at io n
7
TA0105A – RW/ Rev. 2.2/05.05
Application/Test Circuit
Processing
&
Modulation
TA0105A
OVERLOADB
IN1
PGND
AGND
VN12
BBM0
BBM1
6
7
8
1
28
VLOW
VHIGH
19
37
38
2
NC 36
NC - Not Connected (Must Be Left Floating)
35
V5 3
C
I
3.3uF
+
V5
AGND
R
I
34.6K
4.99K
MUTE
4
5V
V5
Offset Trim
Circuit
-
+
R
OFA
10K
V5
R
OFB
1M
R
OFB
1M
C
OF
0.1uF
20K
IN2 5
C
I
3.3uF
+
V5
AGND
R
I
34.6K
4.99K
Offset Trim
Circuit
-
+
R
OFA
10K
V5
R
OFB
1M
R
OFB
1M
C
OF
0.1uF
20K
HMUTE
FDBKN1
18
GNDKELVIN1
9
LO1
20
HO1
22
LO1COM
17
HO1COM
21
OCS1LP
13
OCS1LN
14
OCS1HP
16
OCS1HN
15
R
S
0.01
Ω, 1W
R
FB
39.2K
Ω, 1W
C
FB
R
OCR
20K
AGND
OCR1
11
VN12
AGND
Processing
&
Modulation
FDBKN2
29
GNDKELVIN2
12
LO2
27
HO2
25
LO2COM
30
HO2COM
26
OCS2LP
32
OCS2LN
31
OCS2HP
34
OCS2HN
33
R
S
0.01
Ω, 1W
C
FB
R
OCR
20K
AGND
OCR2
10
VN12
AGND
Over / Under
Voltage
Detection
C
VB
1000pF
C
VB
1000pF
C
S
0.1uF
AGND
AGND
AGND
VPP 23
VNN 24
R
FB
39.2K
R
FB
39.2K
Ω, 1W
R
FB
39.2K
2.5V
R
G 33Ω,1W
D
G
R
G 33Ω,1W
D
G
R
G 33Ω,1W
D
G
R
G 33Ω,1W
D
G
5V
VPP
VNN
5V
AGND
AGND
AGND
AGND
C
O
0.22uF
L
O
33uH
C
Z
0.22uF
R
Z
15
Ω, 10W
Q
O
Q
O
R
S
0.01
Ω, 1W
R
L
C
HBR
0.1uF
C
S
0.1uF
C
S
220uF
C
S
220uF
+
VPP
VNN
C
S
0.1uF
D
O
D
O
C
HBR
1.0uF
Q
O
Q
O
R
S
0.01
Ω, 1W
R
L
C
HBR
0.1uF
C
S
0.1uF
C
S
220uF
C
S
220uF
+
VPP
VNN
C
S
0.1uF
D
O
D
O
C
HBR
1.0uF
C
O
0.22uF
L
O
33uH
C
Z
0.22uF
R
Z
15
Ω, 10W


Podobny numer części - TA0105A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TA010-020-15-15 TRANSCOM-TA010-020-15-15 Datasheet
17Kb / 1P
   1.0 - 2.0 GHz 15 dBm Amplifier
TA010-180-30-15 TRANSCOM-TA010-180-30-15 Datasheet
31Kb / 1P
   1 - 18 GHz 16 dBm Amplifier
logo
Tripath Technology Inc.
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
   STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
More results

Podobny opis - TA0105A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripath Technology Inc.
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
   STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com