Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

F0100406B Arkusz danych(PDF) 9 Page - Eudyna Devices Inc

Numer części F0100406B
Szczegółowy opis  3.3V 1.25Gbit/s NRZ Receiver Transimpedance Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EUDYNA [Eudyna Devices Inc]
Strona internetowa  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

F0100406B Arkusz danych(HTML) 9 Page - Eudyna Devices Inc

Back Button F0100406B Datasheet HTML 2Page - Eudyna Devices Inc F0100406B Datasheet HTML 3Page - Eudyna Devices Inc F0100406B Datasheet HTML 4Page - Eudyna Devices Inc F0100406B Datasheet HTML 5Page - Eudyna Devices Inc F0100406B Datasheet HTML 6Page - Eudyna Devices Inc F0100406B Datasheet HTML 7Page - Eudyna Devices Inc F0100406B Datasheet HTML 8Page - Eudyna Devices Inc F0100406B Datasheet HTML 9Page - Eudyna Devices Inc F0100406B Datasheet HTML 10Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
F0100406B
3.3V 1.25Gbit/s Transimpedance Amplifier
General Description
A transimpedance amplifier is applied as a pre-amplifier which is an amplifier for a faint photo
current from a PIN photo diode (PD). The performance in terms of sensitivity, bandwidth, and so
on, obtained by this transimpedance amplifier strongly depend on the capacitance brought at the
input terminal; therefore, “typical”, “minimum”, or “maximum” parameter descriptions can not
always be achieved according to the employed PD and package, the assembling design, and
other technical experts. This is the major reason that there is no product lineup of packaged
transimpedance amplifiers.
Thus, for optimum performance of the transimpedance amplifier, it is essential for customers to
design the input capacitance carefully.
Hardness to electro-magnetic interference and fluctuation of a power supply voltage is also an
important point of the design, because very faint photo-current floes into the transimpedance
amplifier. Therefore, in the assembly design of the interconnection between a PD and a
transimpedance, noise should be taken into consideration.
Recommendation
SEI basically recommends The F08 series PD preamplifier modules for customers of the
transimpedance amplifiers. In these modules, a transimpedace amplifier, a PD, and a noise filter
circuit are mounted on a TO-18-can package hermetically sealed by a lens cap, having typically
a fiber pigtail. The F08series lineups are the best choice for customers to using the F01series
transimpedance amplifiers. SEI’s F08 series allows the customers to resolve troublesome design
issues and to shorten the development lead time.
Noise Performance
F0100406B based on GaAs MES FET’s shows excellent low-noise characteristics compared
with IC’s based on the silicon bipolar process. Many transmission systems often demand
superior signal-to –noise ratio, that is, high sensitivity; F0100406B is the best Choice for such
applications.
The differential circuit configuration in the output enable a complete differential operation to
reduce common mode noise: simple single ended output operation is also available.
Die-Chip Description
F0100406B is shipped like the die-chip described above. The die thickness is typically 280um
±
20um with the available pad size uncovered by a passivation film of 95um square.The material of
the pads is TiW/Pt/Au and the backside is metalized by Ti/Au.


Podobny numer części - F0100406B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eudyna Devices Inc
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
   3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
More results

Podobny opis - F0100406B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eudyna Devices Inc
F0100504B EUDYNA-F0100504B Datasheet
399Kb / 13P
   3.3V/5V 2.5Gb/s NRZ Receiver Transimpedance Amplifier
F0100505B EUDYNA-F0100505B Datasheet
564Kb / 12P
   3.3 V /5V 2.5 Gb/s NRZ Receiver Transimpedance Amplifier
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
   3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
F0100612B EUDYNA-F0100612B Datasheet
173Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
F0100613B EUDYNA-F0100613B Datasheet
208Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
F0100208B EUDYNA-F0100208B Datasheet
466Kb / 10P
   3.3 V / 622 Mb/s Receiver Transimpedance Amplifier
F0100106B EUDYNA-F0100106B Datasheet
478Kb / 10P
   3.3 V / 156 Mb/s Receiver Transimpedance Amplifier
logo
Analog Devices
ADN2821 AD-ADN2821_15 Datasheet
150Kb / 8P
   11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
logo
Eudyna Devices Inc
F0100209B EUDYNA-F0100209B Datasheet
443Kb / 6P
   3.3 V /5V 622 Mb/s Receiver Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com