Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX038CPP Arkusz danych(PDF) 3 Page - Maxim Integrated Products

Numer części MAX038CPP
Szczegółowy opis  Evaluation Kit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX038CPP Arkusz danych(HTML) 3 Page - Maxim Integrated Products

  MAX038CPP Datasheet HTML 1Page - Maxim Integrated Products MAX038CPP Datasheet HTML 2Page - Maxim Integrated Products MAX038CPP Datasheet HTML 3Page - Maxim Integrated Products MAX038CPP Datasheet HTML 4Page - Maxim Integrated Products MAX038CPP Datasheet HTML 5Page - Maxim Integrated Products MAX038CPP Datasheet HTML 6Page - Maxim Integrated Products MAX038CPP Datasheet HTML 7Page - Maxim Integrated Products MAX038CPP Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Output Buffer
The MAX038 output amplitude is fixed at 2Vp-p. The
MAX038 output is capable of driving a capacitive load
up to 90pF. The MAX442 amplifier buffers the MAX038
output to a 50
Ω coaxial cable. The MAX442 is set at a
gain of 2V/V, so that the output amplitude remains 1V/V
after the 50
Ω back termination. The EV kit’s OUT pad
provides access to the output of the MAX038 prior to
the MAX442 buffer stage. The MAX442 output connects
to the BNC connector through a 50
Ω resistor to back
terminate a 50
Ω coaxial cable. When a terminated 50Ω
cable is connected, this resistor forms a voltage divider
with the load impedance, which attenuates the signal
by one-half. The MAX442 is operated with a 2V/V
closed-loop gain to provide unity gain at the 50
cable’s output.
The MAX442 is actually a 2-channel amplifier. A built-
in multiplexer allows either of two input signals to be
selected. TTL-level address pin A0 selects either IN0
or IN1. The MAX038 output is connected to MAX442
input IN0. IN1 is unused and connected to ground; it
may be used by cutting the JU7 trace, thus discon-
necting IN1 from ground. Likewise, the MAX442
address pin A0 can be disconnected from ground by
cutting the JU8 trace. Pull up A0 to +5V to select IN1.
See the MAX442 data sheet for additional operation
details.
Reference Voltage
The MAX038 includes a 2.5V bandgap reference capa-
ble of sourcing 4mA and sinking 100µA. Access to the
reference voltage is provided at the REF pad. The ref-
erence voltage is primarily used to provide stable cur-
rent to IIN and to bias DADJ and FADJ.
Extending the Output
Frequency Range
The components supplied with the EV kit allow an out-
put frequency range of 325kHz to 10MHz. The frequen-
cy range is controlled primarily by the oscillator capaci-
tor (C1) and the input current, which is a function of the
reference voltage and potentiometer R3. The resulting
frequency range can be shifted up or down depending
on the value of C1. Refer to the Output Frequency vs.
Input Current graph which appears in the
Typical
Operating Characteristics of the MAX038 data sheet.
The upper end of the range can be extended by reduc-
ing C1. The lower end of the range can be reduced by
increasing the value of C1. Take care when selecting
alternate capacitors if stable operation over tempera-
ture is desired. Ceramic capacitors with low tempera-
ture coefficients give the best results. Refer to the
Selecting Resistors and Capacitors section of the
MAX038 data sheet for further details.
Sync Output
and Phase-Detector Input
Refer to the
SYNC Output and Phase Detector sections
of the MAX038 data sheet for details of circuit synchro-
nization. Access to the Phase Detector Input (PDI) and
SYNC is provided at pads PDI and SYNC.
High-speed transient currents in DGND and DV+ can
cause a switching spike in the output waveform at the
zero-crossing point. A lowpass output filter, as shown in
Figure 3 of the MAX038 data sheet, may be used to
greatly reduce the spike. Complete LC filter assemblies
(S3LP series) are available from Coilcraft (phone:
708-639-6400). If the SYNC output is not required, dis-
abling the SYNC circuit will eliminate the switching
spike. Cut the trace between the DV+ and +5V pads to
disable the SYNC output.
MAX038 Evaluation Kit
_______________________________________________________________________________________
3


Podobny numer części - MAX038CPP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX038CPP MAXIM-MAX038CPP Datasheet
203Kb / 16P
   High-Frequency Waveform Generator
19-0266; Rev 2a; 9/96
More results

Podobny opis - MAX038CPP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com