Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC206B Arkusz danych(PDF) 1 Page - auris-GmbH

Numer części TC206B
Szczegółowy opis  2Quartz SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AURIS [auris-GmbH]
Strona internetowa  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

TC206B Arkusz danych(HTML) 1 Page - auris-GmbH

  TC206B Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.1
TC206B
Features:
- Cylindrical enclosures with mounting clips
- Surface mount pick & place
- High performance/cost ratio
Remarks: All specifications subject to change without notice!
Drawing
TC206B
Dimensions in mm
Quartz SMD
Resistance of series resonance (ESR)
Frequency (MHz)
Mode
Ohm max
Frequency (MHz)
Mode
Ohm max
3.579 <= f < 6.0
Fundamental
150
15.0 <= f < 35.0
Fundamental
40
6.0 <= f < 10.0
Fundamental
100
30.0 <= f < 90.0
3rd OT
70
10.0 <= f < 15.0
Fundamental
60
Order key
Q
- 32.768000k - TC206B
- 50
- B
- 12.5
- X
Part
Frequency
Package
Frequency
Temperature
Load
Option
tolerance
range
capacitance
Q=Quartz
k=kHz
TC206B
+/-ppm
A=
0°C ~ 70°C
pF
X=Special options
(25°C)
B=-10°C ~ 60°C
SR=series
C=-10°C ~ 70°C
D=-20°C ~ 70°C
E=-40°C ~ 85°C
H=-20°C ~ +80°C
I=-10°C ~ +50°C
Specifications
Symbol
Frequency range
f
Frequency tolerance,Ta=25°C
Df/f
Load capacitance
CL
Temp. coefficient
A
Temperature range
Storage temperature
TSTG
Operating temperature
TOPR
Drive level
Maximum drive level
MDL
Recommended drive level
RDL
Series resistance
R1
Shunt capacitance
C0
Insulation resistance
IR
Aging
DfA
± 5ppm/Year
Max
1.3pF
Typ
500M Ohm
Min
-
40k Ohm max
As per table (25°C)
-55°C ~ +125°C
Standard
1mW
Max
-0.04 x 10
-6 / °C²
Max
-20°C - +70°C ~ -40°C - +85°C
± 20ppm ~ ± 100ppm
Others are offered
6pF ~ 12.5pF (Std.)
Please specify
32.768kHz
Standard
32kHz ~ 200kHz
Available
TC-206B
Remarks


Podobny numer części - TC206B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
auris-GmbH
TC206B AURIS-TC206B Datasheet
91Kb / 1P
   Quartz SMD
TC206BMJ AURIS-TC206BMJ Datasheet
118Kb / 1P
   Quartz SMD
TC206B AURIS-TC206B_1 Datasheet
91Kb / 1P
   Quartz SMD
More results

Podobny opis - TC206B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
WEJT81GC-R5 WINNERJOIN-WEJT81GC-R5 Datasheet
596Kb / 6P
   SMD
WEJT145N-2C1I-2D1 WINNERJOIN-WEJT145N-2C1I-2D1 Datasheet
703Kb / 10P
   SMD
WEJT145W-2C1I-2D3 WINNERJOIN-WEJT145W-2C1I-2D3 Datasheet
959Kb / 10P
   SMD
WEJT285M-2C1I-2D1 WINNERJOIN-WEJT285M-2C1I-2D1 Datasheet
559Kb / 10P
   smd
WEJT285N-2C1I-2D1 WINNERJOIN-WEJT285N-2C1I-2D1 Datasheet
559Kb / 10P
   SMD
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com