Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2457 Arkusz danych(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM2457
Szczegółowy opis  Monolithic Triple 7.5nS CRT Driver With Integrated Clamp and G1 Blanking
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2457 Arkusz danych(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2457 Datasheet HTML 5Page - National Semiconductor (TI) LM2457 Datasheet HTML 6Page - National Semiconductor (TI) LM2457 Datasheet HTML 7Page - National Semiconductor (TI) LM2457 Datasheet HTML 8Page - National Semiconductor (TI) LM2457 Datasheet HTML 9Page - National Semiconductor (TI) LM2457 Datasheet HTML 10Page - National Semiconductor (TI) LM2457 Datasheet HTML 11Page - National Semiconductor (TI) LM2457 Datasheet HTML 12Page - National Semiconductor (TI) LM2457 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Application Hints (Continued)
clock frequencies up to 95MHz. A sample of this design
along with all necessary support hardware and materials can
be obtained from your local sales office.
PC Board Layout Considerations
For optimum performance, an adequate ground plane, iso-
lation between channels, good supply bypassing and mini-
mizing unwanted feedback are necessary. Also, the length of
the signal traces from the preamplifier to the LM2457 and
from the LM2457 to the CRT cathode should be as short as
possible.
Due to the high gain and bandwidth of the LM2457, the part
may oscillate in a monitor if feedback occurs around the
video channel through the chassis wiring. To prevent this,
leads to the video amplifier input circuit should be shielded,
and input circuit wiring should be spaced as far as possible
from output circuit wiring.
IMPORTANT LAYOUT CONSIDERATIONS
The NSC reference design can be used directly or it can be
used as a guide for future layouts. Note the location of the
following components:
C48 —V
CC bypass capacitor, located very close to pin 7
and the device ground.
C8 —V
BB bypass capacitor, located close to pin 8 and
ground.
C34,C35, C46 —V
CC bypass capacitors, near LM2457
V
CC clamp diodes. Very important for arc protection. Note
the direct path from the capacitor ground to the LM2457
ground.
C25-27 — clamp output bypass caps. Very important for a
stable DC clamp voltage and for protecting the clamp
outputs from damage due to a CRT arc.
The routing of the LM2457 video outputs to the CRT is very
critical to achieving optimum performance.
Figure 20 shows
the routing and component placement from pin 1 of the
LM2457 to the blue cathode. Note that the components are
placed so that they almost line up from the output pin of the
LM2457 to the blue cathode pin of the CRT connector. This
is done to minimize the length of the video path between
these two components. Note also that D16, D17, R17 and
D7 are placed to minimize the size of the video nodes that
they are attached to. This minimizes parasitic capacitance in
the video path and also enhances the effectiveness of the
protection diodes. The anode of protection diode D17 is
connected directly to a section of the ground plane that has
a short and direct path to the LM2457 ground pins. The
cathode of D16 is connected to V
CC very close to decoupling
capacitor C34, which is connected to the same section of the
ground plane as D17. The diode placement and routing is
very important for minimizing the voltage stress on the
LM2457 video outputs during an arc over event. Lastly,
notice that S1 is placed very close to the blue cathode and is
tied directly to the ground under the CRT connector.
www.national.com
9


Podobny numer części - LM2457

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
logo
Texas Instruments
LM2450 TI1-LM2450 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
logo
National Semiconductor ...
LM2451 NSC-LM2451 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
logo
Texas Instruments
LM2451 TI1-LM2451 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
logo
National Semiconductor ...
LM2451TB NSC-LM2451TB Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
More results

Podobny opis - LM2457

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2453 NSC-LM2453 Datasheet
823Kb / 14P
   Monolithic Triple 6 nS CRT Driver With Integrated Clamp and G1 Blanking
LM2476 NSC-LM2476 Datasheet
1Mb / 12P
   Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
logo
Texas Instruments
LM2476 TI1-LM2476 Datasheet
1Mb / 16P
[Old version datasheet]   Monolithic Triple Channel 6.5 ns High Gain CRT Driver and Bias Clamp
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com