Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM2958 Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części SM2958
Szczegółowy opis  8 - Bit Micro-controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

SM2958 Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SM2958 Datasheet HTML 5Page - List of Unclassifed Manufacturers SM2958 Datasheet HTML 6Page - List of Unclassifed Manufacturers SM2958 Datasheet HTML 7Page - List of Unclassifed Manufacturers SM2958 Datasheet HTML 8Page - List of Unclassifed Manufacturers SM2958 Datasheet HTML 9Page - List of Unclassifed Manufacturers SM2958 Datasheet HTML 10Page - List of Unclassifed Manufacturers SM2958 Datasheet HTML 11Page - List of Unclassifed Manufacturers SM2958 Datasheet HTML 12Page - List of Unclassifed Manufacturers SM2958 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
August 2000
Specifications subject to change without notice,contact your sales representatives for the most recent information.
9/16
Ver 1.0
PID 2958 08/00
SyncMOS Technologies Inc.
SM2958
I/O Ports Timing
T6
T7
T8
T9
T10
T11
T12
T1
T2
T3
T4
T5
T6
T7
T8
inputs P0,P1
sampled
sampled
inputs P2,P3
Output by
Mov Px,Src
RxD at Serial Port
Shift Clock
(Mode 0)
current data
next data
sampled
X1
Timing Critical, Requirement of External Clock (Vss=0.0V is assumed)
Vdd-0.5V
0.45V
70%Vdd
20%Vdd-0.1V
TCHCL
TCLCL
TCHCX
TCLCH
TCLCX
Tm.I
External Program Memory Read Cycle
#PSEN
ALE
PORT 0
PORT 2
TPLPH
TLHLL
TLLPL
TAVLL
TLLAX
TPXIX
TPXIZ
TAVIV
TPLAZ
TPLIV
A0 - A7
Instruction. IN
A0 - A7
A8 - A15
A8 - A15


Podobny numer części - SM2958

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DB Unlimited.
SM290408-1 DBUNLIMITED-SM290408-1 Datasheet
747Kb / 1P
   Released from Engineering
SM290508-1 DBUNLIMITED-SM290508-1 Datasheet
554Kb / 1P
   Released from Engineering
logo
UNIOHM CORPORATION
SM290A UNIOHM-SM290A Datasheet
66Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Taychipst Elec...
SM290A TAYCHIPST-SM290A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM290B UNIOHM-SM290B Datasheet
67Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SM2958

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com