Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TD34063 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części TD34063
Szczegółowy opis  DC TO DC CONVERTER CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

TD34063 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  TD34063 Datasheet HTML 1Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 2Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 3Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 4Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 5Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 6Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 7Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 8Page - List of Unclassifed Manufacturers TD34063 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
TD34063
TMC
TYPICAL PERFORMANCE CHARACTERISTICS
CT, Oscillator Timing Capacitor (nF)
Output Switch ON-OFF Time vs. Oscillator
Timing Capacitor
0.1
1
10
100
OFF TIME
VCC=5V
VIPK=VCC
PIN 5=GND
ON TIME
0
5
10
15
20
25
30
0
0.4
0.8
1.2
1.6
2
CT=1nF
VIPK=VCC
PIN 2=GND
VCC, Supply Voltage (V)
Standby Supply Current vs. Supply Voltage
Temperature ( °C)
VFB, Threshold Voltage vs Temperature
0
10
20
30
40
50
60
70
80
1.2
1.22
1.24
1.26
1.28
1.3
VCC = 5V,
CT = 1nF
PIN 2 = GND
250
260
270
280
290
300
310
320
330
340
350
IPK Threshold Voltage vs Temperature
Temperature ( °C)
0
10
20
30
40
50
60
70
80
VCC = 5V
CT = 1nF
PIN 5 = GND
Emitter-Follower Configuration Output Switch
Saturation Voltage vs Emitter Current
IE, Emitter Current (A)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
0.5
1
1.5
VCC = 5V
PIN 1, 7, 8 = VCC
PIN 3, 5 = GND
IC, Collector Current (A)
1.5
Common-Emitter Configuration Output Switch
Saturation Voltage vs Collector Current
VCC = 5V
PIN 7 = VCC
PIN 2, 3, 5 = GND
Forced Beta = 20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0.5
1
VCC = 5.0V
PIN 7 =VCC
PINS 2, 3, 5 = GND
Darlington Connection
Forced Beta = 20
Note 4. Low duty cycle pulse techniques are used during test to maintain junction
temperature as close to ambient temperature as possible.


Podobny numer części - TD34063

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TD340 STMICROELECTRONICS-TD340 Datasheet
158Kb / 21P
   H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
TD340D STMICROELECTRONICS-TD340D Datasheet
158Kb / 21P
   H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
TD340ID STMICROELECTRONICS-TD340ID Datasheet
158Kb / 21P
   H-BRIDGE QUAD POWER MOSFET DRIVER FOR DC MOTOR CONTROL
More results

Podobny opis - TD34063

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
   DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
   DC to DC Converter Controller
logo
GTM CORPORATION
GSC34063 GTM-GSC34063 Datasheet
269Kb / 6P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A_12 Datasheet
444Kb / 9P
   DC TO DC CONVERTER CONTROLLER
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
logo
Wuxi Youda electronics ...
YD34063 YOUDA-YD34063 Datasheet
108Kb / 4P
   DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
UC33063A UTC-UC33063A_15 Datasheet
459Kb / 9P
   DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com