Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA3668N Arkusz danych(PDF) 8 Page - Sony Corporation

Numer części CXA3668N
Szczegółowy opis  Reception Analog Signal Processor IC for Infrared Space Digital Audio Communication
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3668N Arkusz danych(HTML) 8 Page - Sony Corporation

Back Button CXA3668N Datasheet HTML 4Page - Sony Corporation CXA3668N Datasheet HTML 5Page - Sony Corporation CXA3668N Datasheet HTML 6Page - Sony Corporation CXA3668N Datasheet HTML 7Page - Sony Corporation CXA3668N Datasheet HTML 8Page - Sony Corporation CXA3668N Datasheet HTML 9Page - Sony Corporation CXA3668N Datasheet HTML 10Page - Sony Corporation CXA3668N Datasheet HTML 11Page - Sony Corporation CXA3668N Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
– 8 –
CXA3668N
Description of Operation
(1) Trans-impedance amplifier circuit (I/V amplifier)
The input block is comprised of the trans-impedance amplifier circuit which converts the optical current Ip from
the photodiode into a current, and the AGCATT circuit.
Fig. 1 shows the I/V amplifier equivalent circuit.
The following equations are satisfied in the circuit shown in Fig. 1.
vo = –A
× vi
vi – vo = i
× Zt
The input impedance Zi of the I/V amplifier is obtained from these equations as follows.
Zi = vi/i = Zt/ (1 + A)
The trans-impedance Zt of this IC is 4k
Ω (typ.) and the amplifier gain A is 65 times (typ.), so Zi is 60.6Ω (typ.).
(2) AGC ATT
The IC operates at an input optical current of up to 1mAp-p (max.), so the trans-impedance input current It is
controlled so that the trans-impedance amplifier circuit does not produce a saturated state.
Labeling the SIS impedance as Zs, It = Ip
× Zs/(Zs + Zin).
It is controlled so that the trans-impedance amplifier circuit output does not go to 250mVp-p or more, and
when Ip is 63.5µAp-p or less, It = Ip (Zs >> Zin).
When Ip is 63.5µAp-p or more and 1mAp-p or less, Zs decreases and Ip goes to 63.5µAp-p so that the trans-
impedance output level is 250mVp-p.
• The AGC ATT attack time and recovery time response are as follows.
The attack time and the recovery time are determined by the capacitor Ca connected between AGCCAP1
(Pin 24) and VCC2. Increasing the Ca value lengthens both the attack time and the recovery time, and
reducing the Ca value shortens both the attack time and the recovery time.
The reference current (Iat = 0.2/Raa) used to determine the attack time is determined by the resistor Raa
connected between AGCIREF1 (Pin 1) and GND. Reducing the resistance value increases the reference
current and shortens the attack time. Increasing the resistance value lengthens the attack time.
The reference current (Iar = 0.625/Rar) used to determine the recovery time is determined by the resistor
Rar connected between AGCIREF3 (Pin 23) and VCC. Use a Rar of 33k
Ω.
Fig. 1
Zt
vo
vi
i
–A
Zt: Trans-impedance
A: Amplifier gain


Podobny numer części - CXA3668N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
   Direct Conversion IC for Digital Satellite Broadcast Tuner
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
More results

Podobny opis - CXA3668N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXD4017R SONY-CXD4017R Datasheet
1Mb / 34P
   Reception Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
CXD4016R SONY-CXD4016R Datasheet
1Mb / 31P
   Transmission Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
CXA2027Q SONY-CXA2027Q Datasheet
287Kb / 18P
   Analog signal processor IC
logo
Sanyo Semicon Device
LC83015E SANYO-LC83015E Datasheet
353Kb / 16P
   Digital Signal Processor for Audio Applications
logo
Samsung semiconductor
S5L9290X02 SAMSUNG-S5L9290X02 Datasheet
460Kb / 47P
   DIGITAL SIGNAL PROCESSOR FOR INTERNET AUDIO
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
   AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
ON Semiconductor
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com