Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC082S085EVAL Arkusz danych(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części DAC082S085EVAL
Szczegółowy opis  8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC082S085EVAL Arkusz danych(HTML) 3 Page - National Semiconductor (TI)

  DAC082S085EVAL Datasheet HTML 1Page - National Semiconductor (TI) DAC082S085EVAL Datasheet HTML 2Page - National Semiconductor (TI) DAC082S085EVAL Datasheet HTML 3Page - National Semiconductor (TI) DAC082S085EVAL Datasheet HTML 4Page - National Semiconductor (TI) DAC082S085EVAL Datasheet HTML 5Page - National Semiconductor (TI) DAC082S085EVAL Datasheet HTML 6Page - National Semiconductor (TI) DAC082S085EVAL Datasheet HTML 7Page - National Semiconductor (TI) DAC082S085EVAL Datasheet HTML 8Page - National Semiconductor (TI) DAC082S085EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Pin Descriptions
LLP
MSOP
Pin No.
Symbol
Type
Description
1V
A
Supply
Power supply input. Must be decoupled to GND.
2V
OUTA
Analog Output
Channel A Analog Output Voltage.
3V
OUTB
Analog Output
Channel B Analog Output Voltage.
4
NC
Not Connected
5
NC
Not Connected
6
GND
Ground
Ground reference for all on-chip circuitry.
7V
REFIN
Analog Input
Unbuffered reference voltage shared by all channels.
Must be decoupled to GND.
8D
IN
Digital Input
Serial Data Input. Data is clocked into the 16-bit shift
register on the falling edges of SCLK after the fall of
SYNC.
9
SYNC
Digital Input
Frame synchronization input for the data input. When this
pin goes low, it enables the input shift register and data is
transferred on the falling edges of SCLK. The DAC is
updated on the 16th clock cycle unless SYNC is brought
high before the 16th clock, in which case the rising edge
of SYNC acts as an interrupt and the write sequence is
ignored by the DAC.
10
SCLK
Digital Input
Serial Clock Input. Data is clocked into the input shift
register on the falling edges of this pin.
11
PAD
(LLP only)
Ground
Exposed die attach pad can be connected to ground or
left floating. Soldering the pad to the PCB offers optimal
thermal performance and enhances package
self-alignment during reflow.
www.national.com
3


Podobny numer części - DAC082S085EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC082S085 TI1-DAC082S085 Datasheet
1Mb / 31P
[Old version datasheet]   DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
DAC082S085CIMM TI1-DAC082S085CIMM Datasheet
1Mb / 31P
[Old version datasheet]   DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
DAC082S085CIMM/NOPB TI1-DAC082S085CIMM/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
DAC082S085CIMMX/NOPB TI1-DAC082S085CIMMX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
DAC082S085CISD/NOPB TI1-DAC082S085CISD/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
More results

Podobny opis - DAC082S085EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC082S085 TI1-DAC082S085_16 Datasheet
1Mb / 31P
[Old version datasheet]   DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI1-DAC081S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com