Zakładka z wyszukiwarką danych komponentów |
|
CD214A-T6.5A Arkusz danych(PDF) 2 Page - Bourns Electronic Solutions |
|
CD214A-T6.5A Arkusz danych(HTML) 2 Page - Bourns Electronic Solutions |
2 / 5 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. CD214A Transient Voltage Suppressor Diode Series Electrical Characteristics (@TA = 25 °C unless otherwise noted) Maximum Maximum Maximum Unidirectional Device Bidirectional Device Working Peak Reverse Reverse Reverse Breakdown Voltage Reverse Leakage Voltage Surge Part Part Part Part VBR (Volts) Voltage @ VRWM @IRSM Current Number Marking Number Marking Min. Max. @ IT (mA) VRWM (Volts) IR (uA) VRSM (Volts) IRSM (Amps) CD214A-T5.0A HE CD214A-T5.0CA TE 6.40 7.00 10 5.0 800 / 1600 9.2 43.5 CD214A-T6.0A HG CD214A-T6.0CA TG 6.67 7.37 10 6.0 800 / 1600 10.3 38.8 CD214A-T6.5A HK CD214A-T6.5CA TK 7.22 7.98 10 6.5 500 / 1000 11.2 35.7 CD214A-T7.0A HM CD214A-T7.0CA TM 7.78 8.60 10 7.0 200 / 400 12.0 33.3 CD214A-T7.5A HP CD214A-T7.5CA TP 8.33 9.21 1.0 7.5 100 / 200 12.9 31.0 CD214A-T8.0A HR CD214A-T8.0CA TR 8.89 9.83 1.0 8.0 50 / 100 13.6 29.4 CD214A-T8.5A HT CD214A-T8.5CA TT 9.44 10.4 1.0 8.5 10 / 20 14.4 27.7 CD214A-T9.0A HV CD214A-T9.0CA TV 10.0 11.1 1.0 9.0 5 / 10 15.4 26.0 CD214A-T10A HX CD214A-T10CA TX 11.1 12.3 1.0 10 5 / 10 17.0 23.5 CD214A-T11A HZ CD214A-T11CA TZ 12.2 13.2 1.0 11 5.0 18.2 22.0 CD214A-T12A IE CD214A-T12CA UE 13.3 14.7 1.0 12 5.0 19.9 20.1 CD214A-T13A IG CD214A-T13CA UG 14.4 15.9 1.0 13 5.0 21.5 18.6 CD214A-T14A IK CD214A-T14CA UK 15.6 17.2 1.0 14 5.0 23.2 17.2 CD214A-T15A IM CD214A-T15CA UM 16.7 18.5 1.0 15 5.0 24.4 16.4 CD214A-T16A IP CD214A-T16CA UP 17.8 19.7 1.0 16 5.0 26.0 15.3 CD214A-T17A IR CD214A-T17CA UR 18.9 20.9 1.0 17 5.0 27.6 14.5 CD214A-T18A IT CD214A-T18CA UT 20.0 22.1 1.0 18 5.0 29.2 13.7 CD214A-T20A IV CD214A-T20CA UV 22.2 24.5 1.0 20 5.0 32.4 12.3 CD214A-T22A IX CD214A-T22CA UX 24.4 26.9 1.0 22 5.0 35.5 11.2 CD214A-T24A IZ CD214A-T24CA UZ 26.7 29.5 1.0 24 5.0 38.9 10.3 CD214A-T26A JE CD214A-T26CA VE 28.9 31.9 1.0 26 5.0 42.1 9.5 CD214A-T28A JG CD214A-T28CA VG 31.1 34.4 1.0 28 5.0 45.4 8.8 CD214A-T30A JK CD214A-T30CA VK 33.3 36.8 1.0 30 5.0 48.4 8.3 CD214A-T33A JM CD214A-T33CA VM 36.7 40.6 1.0 33 5.0 53.3 7.5 CD214A-T36A JP CD214A-T36CA VP 40 44.2 1.0 36 5.0 58.1 6.9 CD214A-T40A JR CD214A-T40CA VR 44.4 49.1 1.0 40 5.0 64.5 6.2 CD214A-T43A JT CD214A-T43CA VT 47.8 52.8 1.0 43 5.0 69.4 5.7 CD214A-T45A JV CD214A-T45CA VV 50 55.3 1.0 45 5.0 72.7 5.5 CD214A-T48A JX CD214A-T48CA VX 53.3 58.9 1.0 48 5.0 77.4 5.2 CD214A-T51A JZ CD214A-T51CA VZ 56.7 62.7 1.0 51 5.0 82.4 4.9 CD214A-T54A RE CD214A-T54CA WE 60 66.3 1.0 54 5.0 87.1 4.6 CD214A-T58A RG CD214A-T58CA WG 64.4 71.2 1.0 58 5.0 93.6 4.3 CD214A-T60A RK CD214A-T60CA WK 66.7 73.7 1.0 60 5.0 96.8 4.1 CD214A-T64A RM CD214A-T64CA WM 71.1 78.6 1.0 64 5.0 103 3.9 CD214A-T70A RP CD214A-T70CA WP 77.8 86.0 1.0 70 5.0 113 3.5 CD214A-T75A RR CD214A-T75CA WR 83.3 92.1 1.0 75 5.0 121 3.3 CD214A-T78A RT CD214A-T78CA WT 86.7 95.8 1.0 78 5.0 126 3.2 CD214A-T85A RV CD214A-T85CA WV 94.4 104 1.0 85 5.0 137 2.9 CD214A-T90A RX CD214A-T90CA WX 100 111 1.0 90 5.0 146 2.7 CD214A-T100A RZ CD214A-T100CA WZ 111 123 1.0 100 5.0 162 2.5 CD214A-T110A SE CD214A-T110CA XE 122 135 1.0 110 5.0 177 2.3 CD214A-T120A SG CD214A-T120CA XG 133 147 1.0 120 5.0 193 2.0 CD214A-T130A SK CD214A-T130CA XK 144 159 1.0 130 5.0 209 1.9 CD214A-T150A SM CD214A-T150CA XM 167 185 1.0 150 5.0 243 1.6 CD214A-T160A SP CD214A-T160CA XP 178 197 1.0 160 5.0 259 1.5 CD214A-T170A SR CD214A-T170CA XR 189 209 1.0 170 5.0 275 1.4 Notes: 1. Suffix ‘A’ denotes a 5 % tolerance device. 3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double. 2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device. 4. For unidirectional devices with a VF max. of 3.5 V at an IF of 35 A, 0.5 Sine Wave of 8.3 ms Pulse Width. |
Podobny numer części - CD214A-T6.5A |
|
Podobny opis - CD214A-T6.5A |