Zakładka z wyszukiwarką danych komponentów |
|
CD214A-T75A Arkusz danych(PDF) 5 Page - Bourns Electronic Solutions |
|
CD214A-T75A Arkusz danych(HTML) 5 Page - Bourns Electronic Solutions |
5 / 5 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. CD214A Transient Voltage Suppressor Diode Series Packaging Information REV. 04/06 The product will be dispensed in Tape and Reel format (see diagram below). ....... ....... ....... ....... ....... ....... ....... ....... P A F E T 120 ° D2 D D 1 W1 C Index Hole P 0 P 1 W B 10 pitches (min.) Direction of Feed 10 pitches (min.) End Trailer Device Leader Start d Devices are packed in accordance with EIA standard RS-481-A and specifications shown here. MM (INCHES) DIMENSIONS: Item Symbol SMA (DO-214AC) Carrier Width A 2.90 ± 0.10 (0.114 - 0.004) Carrier Length B 5.59 ± 0.10 (0.220 - 0.004) Carrier Depth C 2.36 ± 0.10 (0.093 - 0.004) Sprocket Hole d 1.55 ± 0.05 (0.061 - 0.002) Reel Outside Diameter D 330 (12.992) Reel Inner Diameter D1 50.0 MIN. (1.969) Feed Hole Diameter D2 13.0 ± 0.20 (0.512 - 0.008) Sprocket Hole Position E 1.75 ± 0.10 (0.069 - 0.004)) Punch Hole Position F 5.50 ± 0.05 (0.217 - 0.002) Punch Hole Pitch P 4.00 ± 0.10 (0.157 - 0.004) Sprocket Hole Pitch P0 4.00 ± 0.10 (0.157 - 0.004) Embossment Center P1 2.00 ± 0.05 (0.079 - 0.002) Overall Tape Thickness T 0.30 ± 0.10 (0.012 - 0.004) Tape Width W 12.00 ± 0.20 (0.472 - 0.008) Reel Width W1 18.4 MAX. (0.724) Quantity per Reel -- 5,000 |
Podobny numer części - CD214A-T75A |
|
Podobny opis - CD214A-T75A |