Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD214A-T58CA Arkusz danych(PDF) 3 Page - Bourns Electronic Solutions

Numer części CD214A-T58CA
Szczegółowy opis  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-T58CA Arkusz danych(HTML) 3 Page - Bourns Electronic Solutions

  CD214A-T58CA Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-T58CA Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-T58CA Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-T58CA Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-T58CA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214A Transient Voltage Suppressor Diode Series
Product Dimensions
Recommended Pad Layout
Physical Specifications
Case ............................................Molded plastic per UL Class 94V-0
Polarity ........................Cathode band indicates unidirectional device
No cathode band indicates bidirectional device
Weight ....................................................0.002 ounces / 0.064 grams
Dimension
SMA (DO-214AC)
A
4.06 - 4.57
(0.160 - 0.180)
B
2.29 - 2.92
(0.090 - 0.115)
C
1.27 - 1.63
(0.050 - 0.064)
D
0.15 - 0.31
(0.006 - 0.112)
E
4.83 - 5.59
(0.190 - 0.220)
F
0.05 - 0.20
(0.002 - 0.008)
G
2.01 - 2.62
(0.080 - 0.103)
H
0.76 - 1.52
(0.030 - 0.060)
B
G
F
D
C
H
E
A
A
C
B
MM
(INCHES)
DIMENSIONS:
Dimension
SMA (DO-214AC)
A (Max.)
2.70
(0.106)
B (Min.)
2.10
(0.083)
C (Min.)
1.27
(0.050)
MM
(INCHES)
DIMENSIONS:


Podobny numer części - CD214A-T58CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SUNMATE electronic Co.,...
CD214A-T58A SUNMATE-CD214A-T58A Datasheet
518Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results

Podobny opis - CD214A-T58CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com