Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS2911 Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części GS2911
Szczegółowy opis  300mA CMOS Positive LDO Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

GS2911 Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GS2911 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS2911 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
GS2911
Globaltech Semiconductor
www.globaltechsemi.com
8
GS2911
Typical Application Circuits
Vin
1uF
(Trantalum)
1uF
(Trantalum)
Vin Vout
Vss
V
A
Vin
Vout
Vss
Vin
A
Open
Notes on Use
1. There is a possibility that oscillation may occur as a result of the impedance present
between the power supply and the IC’s input. Where impedance is 10
Ω or more, please
use a capacitor (CIN) of at least 1µF. With a large output current, operations can be
stabilised by increasing capacitor size (CIN). If CIN is small and capacitor size (CL) is
increased, there is a possibility of oscillation due to input impedance. In such cases, either
increasing the size of CIN or decreasing the size of CL can stabilize operations.
2. Please ensure that output current (IOUT) is less than PD + (VIN - VOUT) and does not exceed
the stipulated Continuous Total Power Dissipation value (PD).
3. Should you wish to increase output current (IOUT) and/or have the capability to exceed the
stipulated PD value, using a current boost circuit (similar to the one shown below) is likely
to lead to oscillation. With such applications, we recommend use of a boost type voltage
regulator, such as the GS2911 series.


Podobny numer części - GS2911

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X15 ETC1-GS2905X15 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X18 ETC1-GS2905X18 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X25 ETC1-GS2905X25 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X33 ETC1-GS2905X33 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
More results

Podobny opis - GS2911

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM89121BC-S ELM-TECH-ELM89121BC-S_1 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com