Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS2911Y18 Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części GS2911Y18
Szczegółowy opis  300mA CMOS Positive LDO Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

GS2911Y18 Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GS2911Y18 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2911Y18 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2911Y18 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2911Y18 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS2911Y18 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS2911Y18 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS2911Y18 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS2911Y18 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS2911Y18 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
GS2911
Globaltech Semiconductor
www.globaltechsemi.com
9
GS2911
Package Dimension
SOT-89 PLASTIC PACKAGE
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Min
A
1.450
1.550
0.570
0.061
b
0.440
0.480
0.017
0.019
C
0.360
0.400
0.014
0.016
E
4.450
4.550
0.175
0.179
E2
1.500
1.700
0.059
0.067
E3
1.400Ref
0.055Ref
e
1.500BSC
0.059BSC
e1
3.000BSC
0.118BSC
H
4.150
4.250
0.163
0.167
D
2.450
2.550
0.096
0.100
L
0.900
1.100
0.035
0.043


Podobny numer części - GS2911Y18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X15 ETC1-GS2905X15 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X18 ETC1-GS2905X18 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X25 ETC1-GS2905X25 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
GS2905X33 ETC1-GS2905X33 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
More results

Podobny opis - GS2911Y18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM89121BC-S ELM-TECH-ELM89121BC-S_1 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com