Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS75232S Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części GS75232S
Szczegółowy opis  Multiple RS-232 Drivers & Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

GS75232S Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  GS75232S Datasheet HTML 1Page - List of Unclassifed Manufacturers GS75232S Datasheet HTML 2Page - List of Unclassifed Manufacturers GS75232S Datasheet HTML 3Page - List of Unclassifed Manufacturers GS75232S Datasheet HTML 4Page - List of Unclassifed Manufacturers GS75232S Datasheet HTML 5Page - List of Unclassifed Manufacturers GS75232S Datasheet HTML 6Page - List of Unclassifed Manufacturers GS75232S Datasheet HTML 7Page - List of Unclassifed Manufacturers GS75232S Datasheet HTML 8Page - List of Unclassifed Manufacturers GS75232S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
GS75232
Globaltech Semiconductor
www.globaltechsemi.com
5
GS75232
Receiver Section
Symbol
Parameter
Test Conditions
Min
Max
Unit
Positive-Going
VT+
Threshold Voltage
1.75
2.25
V
Negative-Going
VT-
Threshold Voltage
0.75
1.25
V
VI= 0.75V,
IOL=-0.5mA
2.6
5
Input Open,
VOH
High Level Output
Voltage
IOL = -0.5 mA
2.6
5
V
VOL
Low Level Output Voltage VI= 3V, IOL = 10 mA
-
0.45
V
VI= 25V
3.6
8.3
IIH
High-Level Input Current
VI= 3V
0.43
-
mA
VI= -25V
-3.6
-8.3
IIL
Low-Level Input Current
VI= -3V
-0.43
-
mA
Short-Circuit
-3
IOS
Output Current
(tip)
mA
Receiver Switching Characteristic (VCC = 5V)
Symbo
l
Parameter
Test Conditions
Min
Max
Unit
tPLH
Propagation Delay Time,
Low-To-High-Level Output
CL = 15 ρF
RL = 3.9 kΩ
-
150
ns
tPHL
Propagation Delay Time,
High -To- Low -Level Output
CL = 15 ρF
RL = 390 kΩ
-
50
ns
tTLH
Transition Time,
Low-To-High-Level Output
CL = 15 ρF
RL = 3.9 kΩ
-
175
ns
tTHL
Transition Time,
High -To- Low -Level Output
CL = 15 ρF
RL = 390 kΩ
-
20
ns
Typical Performance Characteristics
PULSE
GENERATOR
(See Note A)
OUTPUT
RECEIVER
CL
RL
PULSE
GENERATOR
(See Note A)
OUTPUT
DRIVER
CL
RL
INPUT
OUTPUT
3V
0V
VOH
VOL
1.5V
1.5V
10ns
50%
50%
tTHL
tTLH
tPLH
tPLH
Voltage Waveform
INPUT
OUTPUT
3V
0V
VOH
VOL
50%
50%
10ns
1.5V
1.5V
tTHL
tTLH
tPLH
tPLH
10%
10%
90%
90%
Tw=20us, Voltage Waveform
Note A. The pulse generator has the following characteristics. f = 200 KHz, ZO = 50 Ω
B. C included probe and jig capacitance.
C. All diodes are 1N3064 or equivalent.
Fig1. Propagation and Transition Times


Podobny numer części - GS75232S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ice Components, Ins.
GS75 ICE-GS75 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
GS75 ICE-GS75 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
GS75-100 ICE-GS75-100 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
GS75-100 ICE-GS75-100 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
GS75-101 ICE-GS75-101 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
More results

Podobny opis - GS75232S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185 Datasheet
172Kb / 10P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
List of Unclassifed Man...
M5232P ETC1-M5232P Datasheet
24Kb / 2P
   Multiple RS-232 Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com