Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GSX-641LM1B Arkusz danych(PDF) 1 Page - Golledge Electronics Ltd

Numer części GSX-641LM1B
Szczegółowy opis  SM Crystal Metal Lid
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOLLEDGE [Golledge Electronics Ltd]
Strona internetowa  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-641LM1B Arkusz danych(HTML) 1 Page - Golledge Electronics Ltd

  GSX-641LM1B Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0 to +50°C
-10 to +60°C
-20 to +70°C
-30 to +80°C
-40 to +85°C
±20
±15
-
±10
-
-
±7.5
-
-
±5
-
-
-
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal - Metal Lid
GSX-641
22 Sep 2004
ACTUAL SIZE
6.20
(max)
3.70
(max)
1.00
(max)
3.00
1.50
2.2 2.6 2.2
1.4
1.1
1.4
TOP VIEW
1.50
1.00
5.40
2.80
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground & lid
12
43
1
2
43
Features
« Metal lid can be grounded to minimise EMI
« Seam seal for excellent long-term stability
« Fundamental mode up to 45.0MHz
« Tight specifications available
Standard Frequencies
Product name + option codes + frequency
eg:
GSX-641/111D 16.0MHz 10/10/10/16-F
GSX-641/LM1B 36.0MHz 05/7.5/10/12-F
Option code X (eg GSX-641/X) denotes a custom specification.
Ordering Information
Fundamental in MHz
GSX-641
Option
Codes
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Scale 2:1
Specifications
Available on T&R - 1k pcs per reel.
Refer to our website for T&R and soldering details.
Temperature Stability
The table shows available combinations of stability (in ppm)
and temperature range.
10.000000
11.059200
12.000000
14.318180
14.745600
15.000000
16.000000
16.000312
16.588800
18.432000
19.660800
20.000000
24.000000
24.000140
24.576000
25.000000
29.491200
30.000000
32.000000
33.868800
35.251200
36.000000
40.000000
Frequency range: 9.20 ~ 45.0MHz
Calibration tolerance:
±5ppm
L
±7.5ppm
M
±10ppm
1
±20ppm
2
Other values
specify
Temperature stability:
±5ppm
L
±7.5ppm
M
±10ppm
1
±15ppm
P
±20ppm
2
Other values
specify
Operating temperature range:
0 to +50°C
0
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
-40 to +85°C
4
Other values
specify
Circuit condition:
10pF
A
12pF
B
16pF
D
18pF
E
20pF
F
30pF
J
Other values
specify
Static capacitance (C0): 7pF max
Equivalent series resistance (max):
50
(9.20 ~ 11.9MHz)
40
(12.0 ~ 24.9MHz)
30
(25.0 ~ 45.0MHz)
Ageing:
±3ppm max first year
±1ppm max first year
specify
Test drive level:
100µW
Soldering condition:
240°C, 10 sec x2 max


Podobny numer części - GSX-641LM1B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
GSX-641 GOLLEDGE-GSX-641 Datasheet
565Kb / 4P
   6.2 x 4.7mm SM Crystal
More results

Podobny opis - GSX-641LM1B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
GSX-751 GOLLEDGE-GSX-751_08 Datasheet
52Kb / 1P
   SM Crystal - Metal Lid
GSX331 GOLLEDGE-GSX331 Datasheet
55Kb / 1P
   SM Crystal Metal Lid
GSX531 GOLLEDGE-GSX531 Datasheet
61Kb / 1P
   SM Crystal Metal Lid
GSX751 GOLLEDGE-GSX751 Datasheet
58Kb / 1P
   SM Crystal Metal Lid
GSX-531 GOLLEDGE-GSX-531_15 Datasheet
172Kb / 2P
   SM Crystal - Metal Lid
GSX532 GOLLEDGE-GSX532 Datasheet
57Kb / 1P
   SM Crystal Ceramic Lid
GSX431 GOLLEDGE-GSX431 Datasheet
56Kb / 1P
   SM Crystal Mtal Lid
GSX852 GOLLEDGE-GSX852 Datasheet
56Kb / 1P
   SM Crystal Ceramic Lid
GSX642 GOLLEDGE-GSX642 Datasheet
47Kb / 1P
   SM Crystal ceramic Lid
GSX752 GOLLEDGE-GSX752 Datasheet
58Kb / 1P
   SM Crystal Ceramic Lid
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com