Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF7025 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADF7025
Szczegółowy opis  High Performance ISM Band Transceiver IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF7025 Arkusz danych(HTML) 3 Page - Analog Devices

  ADF7025 Datasheet HTML 1Page - Analog Devices ADF7025 Datasheet HTML 2Page - Analog Devices ADF7025 Datasheet HTML 3Page - Analog Devices ADF7025 Datasheet HTML 4Page - Analog Devices ADF7025 Datasheet HTML 5Page - Analog Devices ADF7025 Datasheet HTML 6Page - Analog Devices ADF7025 Datasheet HTML 7Page - Analog Devices ADF7025 Datasheet HTML 8Page - Analog Devices ADF7025 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
ADF7025
Rev. A | Page 3 of 44
GENERAL DESCRIPTION
The ADF7025 is a low power, highly integrated FSK transceiver.
It is designed for operation in the license–free ISM bands of
433 MHz, 863 MHz to 870 MHz, and 902 MHz to 928 MHz.
The ADF7025 can be used for applications operating under the
European ETSI EN300-220 or the North American FCC (Part 15)
regulatory standards. The ADF7025 is intended for wideband,
high data rate applications with deviation frequencies from
100 kHz to 750 kHz and data rates from 9.6 kbps to 384 kbps.
A complete transceiver can be built using a small number of
external discrete components, making the ADF7025 very
suitable for price-sensitive and area-sensitive applications.
The transmit section contains a VCO and low noise
Fractional-N PLL with output resolution of <1 ppm. The VCO
operates at twice the fundamental frequency to reduce spurious
emissions and frequency pulling problems.
The transmitter output power is programmable in 0.3 dB steps
from −16 dBm to +13 dBm. The transceiver RF frequency, channel
spacing, and modulation are programmable using a simple 3-wire
interface. The device operates with a power supply range of 2.3 V
to 3.6 V and can be powered down when not in use.
A zero-IF architecture is used in the receiver, minimizing power
consumption and the external component count, while avoiding
the need for image rejection. The baseband filter (low-pass) has
programmable bandwidths of ±300 kHz, ±450 kHz, and ±600 kHz.
A high-pass pole at ~60 kHz eliminates the problem of dc offsets
that is characteristic of zero-IF architecture.
The ADF7025 supports a wide variety of programmable
features, including Rx linearity, sensitivity, and filter bandwidth,
allowing the user to trade off receiver sensitivity and selectivity
against current consumption, depending on the application.
An on-chip ADC provides readback of an integrated tempera-
ture sensor, an external analog input, the battery voltage, or the
RSSI signal, which provides savings on an ADC in some
applications. The temperature sensor is accurate to ±10°C over
the full operating temperature range of −40°C to +85°C. This
accuracy can be improved by doing a 1-point calibration at
room temperature and storing the result in memory.


Podobny numer części - ADF7025

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
More results

Podobny opis - ADF7025

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7021 AD-ADF7021 Datasheet
471Kb / 44P
   High Performance Narrowband ISM Transceiver IC
Rev. PrI
ADF7030 AD-ADF7030 Datasheet
431Kb / 24P
   High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7023-J AD-ADF7023-J Datasheet
1Mb / 100P
   High Performance, Low Power, ISM Band FSK/GFSK/MSK/GMSK Transceiver IC
REV. 0
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com