Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA4632 Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części LA4632
Szczegółowy opis  10 W Two-Channel BTL AF Power Amplifier for Audio Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4632 Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  LA4632 Datasheet HTML 1Page - Sanyo Semicon Device LA4632 Datasheet HTML 2Page - Sanyo Semicon Device LA4632 Datasheet HTML 3Page - Sanyo Semicon Device LA4632 Datasheet HTML 4Page - Sanyo Semicon Device LA4632 Datasheet HTML 5Page - Sanyo Semicon Device LA4632 Datasheet HTML 6Page - Sanyo Semicon Device LA4632 Datasheet HTML 7Page - Sanyo Semicon Device LA4632 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
No.8178-4/8
LA4632
Application Circuit Example/Test Circuit Diagram
+
RF
+
IN1
+
IN2
+
MUTE
PWR
GND
+OUT2
--OUT2
--OUT1
STBY
VCC
VCC
PRE
GND
+
+OUT1
LA4632
1
2
3
4
5
6
7
10
11
12
RL
RL
8
9
Top view
• Caution
Although the LA4632 is basically pin compatible with the LA4631, there are certain differences in the external
components and the way the devices are used.
External Components and Usage Notes
C1, C2: These are input coupling capacitors; we recommend a value of 4.7 µF or lower. A zero bias type circuit is
used for the LA4632 input circuits, and the input pin potential is close to zero volts. Therefore the polarity
must be considered in conjunction with the DC potential of the circuit connected to the LA4632 front end.
If there is a large potential difference between the plus and minus sides of the input capacitors, the
stabilization time when power is first applied can be reduced by reducing the value of the input
capacitors, as long as that reduction does not compromise the low-band characteristics.
C3:
This capacitor is used both as a ripple filter and to set the amplifier's startup time. A value of 47 µF is
recommended. With this value, the startup time (the time from the point power is first applied until the
point an output is generated) will be about 0.6 to 0.7 seconds. (See note 1.)
C4, R1: This RC circuit is used for mute smoothing. C4 is required even if the muting function is not used. (See
note 2.)
C5:
Power supply capacitor
C6 to C9, R2 to R5: These components form oscillation prevention RC circuits. We recommend using polyester
film capacitors (Mylar capacitors) with excellent thermal characteristics for C6 through C9. (R2 to R5 are
2.2
Ω 1/4 W resistors.)
*1. Startup time
The LA4632 features a built-in startup circuit that can be adjusted somewhat by changing the value of the capacitor
connected to pin 1. (With the recommended value of 47 µF, the time is about 0.6 to 0.7 seconds (a time that changes
somewhat with VCC). That time can be extended to about 0.8 to 0.9 seconds by inserting a capacitor with a value of
10 µF in parallel.) Since using a capacitor with a value smaller than the recommended value may reduce the SVRR
between ground and the output, we cannot recommend using a smaller value.
*2. Signal muting function
The signal muting function is turned on by connecting the recommended RC circuit (10 µF, 15 k
Ω) to pin 6 and
applying a voltage of +5 V to the mute pin. This circuit implements a muting function with extremely low impulse
noise.
This RC circuit is used to smooth the attack and recovery times, and since the 10 µF capacitor also has the function
of smoothing after the startup time, it is required even if the signal muting function is not used.


Podobny numer części - LA4632

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4630N SANYO-LA4630N Datasheet
251Kb / 7P
   9V/12V 3-Dimension Power IC for Radio Cassette Recorders
LA4631 SANYO-LA4631 Datasheet
153Kb / 6P
   For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631-E SANYO-LA4631-E Datasheet
153Kb / 6P
   For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
   For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier
May, 2013
More results

Podobny opis - LA4632

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
LA4636 SANYO-LA4636 Datasheet
28Kb / 3P
   For General Audio Use 11 W 2-Channel BTL AF Power Amplifier
LA4663 SANYO-LA4663 Datasheet
113Kb / 10P
   Two-Channel 16-W BTL General-Purpose Audio Power Amplifier
LA4635A SANYO-LA4635A Datasheet
34Kb / 3P
   For General Audio Use 2-Channel BTL AF Power Amplifier
LA4906 SANYO-LA4906 Datasheet
362Kb / 10P
   17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
   15 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4631 SANYO-LA4631 Datasheet
153Kb / 6P
   For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631-E SANYO-LA4631-E Datasheet
153Kb / 6P
   For Audio Applications 5W 2-Channel AF Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com