Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SAW5670 Arkusz danych(PDF) 2 Page - AUK corp

Numer części SAW5670
Szczegółowy opis  Dual Color LED Lamp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUK [AUK corp]
Strona internetowa  https:www.auk.co.kr
Logo AUK - AUK corp

SAW5670 Arkusz danych(HTML) 2 Page - AUK corp

  SAW5670 Datasheet HTML 1Page - AUK corp SAW5670 Datasheet HTML 2Page - AUK corp SAW5670 Datasheet HTML 3Page - AUK corp SAW5670 Datasheet HTML 4Page - AUK corp SAW5670 Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-O2U001-001
2
SAW5670
Absolute Maximum Ratings
(Ta=25
oC)
Rating
Characteristic
Symbol
White
Amber
Unit
Power dissipation
PD
125
75
mW
Forward current
IF
30
30
mA
*1Peak forward current
IFP
50
50
mA
Reverse voltage
VR
10
16
V
Operating temperature range
Topr
-25 85
Storage temperature range
Tstg
-30 100
*2Soldering temperature
Tsol
260
for
10 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical / Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
White
-
3.5
4.2
Forward voltage
VF
Amber
IF= 20mA
-
2.0
2.5
V
White
-
200
-
Luminous intensity
IV
Amber
IF= 20mA
-
100
-
mcd
X
0.25
-
0.33
-
*4Chromaticity coordinates
Y
White
IF= 20mA
0.24
-
0.38
-
Peak wavelength
λP
Amber
IF= 20mA
-
630
-
nm
White
VR=10V
-
-
10
Reverse current
IR
Amber
VR=16V
-
-
10
uA
*3Half angle
θ1/2
IF= 20mA
-
±20
-
deg
*3. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity


Podobny numer części - SAW5670

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
   Superior high Flux for High Voltage System
SAW0L7PA SEOUL-SAW0L7PA Datasheet
859Kb / 23P
   Superior high Flux for High Current System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
More results

Podobny opis - SAW5670

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
SAM3370 AUK-SAM3370_1 Datasheet
158Kb / 4P
   Dual Color LED Lamp
logo
KODENSHI_AUK CORP.
BMR-0302 KODENSHI-BMR-0302 Datasheet
316Kb / 2P
   Dual Color LED Lamp
logo
AUK corp
SRM5370 AUK-SRM5370 Datasheet
248Kb / 4P
   Dual Color LED Lamp
SRM5370-A AUK-SRM5370-A Datasheet
244Kb / 4P
   Dual Color LED Lamp
SAM5270 AUK-SAM5270 Datasheet
190Kb / 3P
   Dual Color LED Lamp
SAM3271 AUK-SAM3271 Datasheet
82Kb / 4P
   Dual Color LED Lamp
SAM5370 AUK-SAM5370_1 Datasheet
215Kb / 4P
   Dual Color LED Lamp
SAM3272 AUK-SAM3272 Datasheet
81Kb / 3P
   Dual Color LED Lamp
SAM3270 AUK-SAM3270 Datasheet
175Kb / 3P
   Dual Color LED Lamp
SAM5282 AUK-SAM5282 Datasheet
87Kb / 3P
   Dual Color LED Lamp
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com