Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM2233-D Arkusz danych(PDF) 2 Page - AUK corp

Numer części SM2233-D
Szczegółowy opis  Chip LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUK [AUK corp]
Strona internetowa  https:www.auk.co.kr
Logo AUK - AUK corp

SM2233-D Arkusz danych(HTML) 2 Page - AUK corp

  SM2233-D Datasheet HTML 1Page - AUK corp SM2233-D Datasheet HTML 2Page - AUK corp SM2233-D Datasheet HTML 3Page - AUK corp SM2233-D Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KSD-O8Q005-001
2
SM2233-D
Absolute Maximum Ratings
(Ta=25
oC)
Characteristic
Symbol
Rating
Unit
Power dissipation
PD
63
mW
Forward current
IF
25
mA
*1Peak forward current
IFP
50
mA
Reverse voltage
VR
4
V
Operating temperature range
Topr
-25∼80
Storage temperature range
Tstg
-30∼100
*2Soldering temperature
Tsol
240℃ for 10 seconds
*1. Duty ratio = 1/16, Pulse width = 0.1ms
*2. Recommended reflow soldering temperature profile
- Preheating 150℃ to 185℃ within 120 seconds soldering 240℃ within 10 seconds
Gradual cooling (Avoid quenching)
Electrical Optical Characteristics
(Ta=25
oC)
Characteristic
Symbol
Test Condition
Min
Typ.
Max.
Unit
Forward voltage
VF
IF= 20mA
-
2.1
2.5
V
Luminous intensity
IV
IF= 20mA
17
-
-
mcd
Dominant wavelength
λD
IF= 20mA
569
572
576
nm
Spectrum bandwidth
λ
IF= 20mA
-
30
-
nm
Reverse current
IR
VR=4V
-
-
10
uA
-
±55
-
*3Half angle
θ1/2
IF= 20mA
-
±80
-
deg
*3. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
(Do not use to combine grade classification. It must be used separately grade classification)
max. 10sec
Temp (℃)
Time (sec)
185
150
240
Peak Temp max. 240℃
Preheating area
150~185℃, 90±30sec
max. 3℃/sec
25
Time from 25℃ to Peak Temperature max. 6min
Solder area
220℃, max. 60sec
max. 4℃/sec
max. -6℃/sec
240
180
150
60
0


Podobny numer części - SM2233-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
SM2233 AUK-SM2233 Datasheet
172Kb / 4P
   Chip LED
More results

Podobny opis - SM2233-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
SM2333 AUK-SM2333 Datasheet
171Kb / 4P
   Chip LED
SR2332-V AUK-SR2332-V Datasheet
173Kb / 4P
   Chip LED
SR2333-V AUK-SR2333-V Datasheet
204Kb / 4P
   Chip LED
SA1316 AUK-SA1316_1 Datasheet
191Kb / 5P
   Chip LED
SM1316-L AUK-SM1316-L_1 Datasheet
200Kb / 5P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-460-34 EPIGAP-ELC-460-34 Datasheet
101Kb / 1P
   LED - Chip
logo
Everlight Electronics C...
24-21UYC EVERLIGHT-24-21UYC Datasheet
156Kb / 9P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-525-31-2 EPIGAP-ELC-525-31-2 Datasheet
30Kb / 1P
   LED - Chip
ELC-595-29-50 EPIGAP-ELC-595-29-50 Datasheet
85Kb / 1P
   LED - Chip
ELC-635-14-3 EPIGAP-ELC-635-14-3 Datasheet
99Kb / 1P
   LED - Chip
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com