Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VND5050AJ-E Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części VND5050AJ-E
Szczegółowy opis  Double channel high side driver with analog current sense for automotive applications
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5050AJ-E Arkusz danych(HTML) 4 Page - STMicroelectronics

  VND5050AJ-E Datasheet HTML 1Page - STMicroelectronics VND5050AJ-E Datasheet HTML 2Page - STMicroelectronics VND5050AJ-E Datasheet HTML 3Page - STMicroelectronics VND5050AJ-E Datasheet HTML 4Page - STMicroelectronics VND5050AJ-E Datasheet HTML 5Page - STMicroelectronics VND5050AJ-E Datasheet HTML 6Page - STMicroelectronics VND5050AJ-E Datasheet HTML 7Page - STMicroelectronics VND5050AJ-E Datasheet HTML 8Page - STMicroelectronics VND5050AJ-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Electrical specifications
VND5050AJ-E / VND5050AK-E
4/26
2
Electrical specifications
Figure 3.
Current and Voltage Conventions
2.1
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
– INPUT
– CURRENT SENSE
–CS_DIS
–OUTPUT
–VCC
VFn = VOUTn - VCC during reverse battery condition
IS
IGND
VCC
VCC
VSENSE2
OUTPUT1
IOUT1
CURRENT
ISENSE1
INPUT1
IIN1
VIN2
VOUT2
GND
CS_DIS
ICSD
VCSD
INPUT2
IIN2
VIN1
SENSE1
OUTPUT2
IOUT2
CURRENT
ISENSE2
SENSE2
VSENSE1
VOUT1
Table 2.
Absolute Maximum Ratings
VCC
DC supply voltage
41
V
-VCC
Reverse DC supply voltage
0.3
V
-IGND
DC reverse ground pin current
200
mA
IOUT
DC output current
Internally limited
A
-IOUT
Reverse DC output current
12
A
IIN
DC input current
-1 to 10
mA
ICSD
DC current sense disable input current
-1 to 10
mA
-ICSENSE DC Reverse CS pin current
200
mA
VCSENSE Current sense maximum voltage
VCC-41
+VCC
V
V
EMAX
Maximum switching energy
(L=1.5mH; RL=0Ω; Vbat=13.5V; Tjstart=150°C; IOUT = IlimL(Typ.) )
51
mJ
VESD
Electrostatic Discharge (Human Body Model: R=1.5K
Ω;
C=100pF)
4000
2000
4000
5000
5000
V
V
V
V
V
VESD
Charge device model (CDM-AEC-Q100-011)
750
V
Tj
Junction operating temperature
-40 to 150
°C
Tstg
Storage temperature
-55 to 150
°C


Podobny numer części - VND5050AJ-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
838Kb / 38P
   Double channel high side driver with analog current sense for automotive applications
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E_08 Datasheet
838Kb / 38P
   Double channel high side driver with analog current sense for automotive applications
More results

Podobny opis - VND5050AJ-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com