Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4005ID Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 1N4005ID
Szczegółowy opis  Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N4005ID Arkusz danych(HTML) 3 Page - NXP Semiconductors

  1N4005ID Datasheet HTML 1Page - NXP Semiconductors 1N4005ID Datasheet HTML 2Page - NXP Semiconductors 1N4005ID Datasheet HTML 3Page - NXP Semiconductors 1N4005ID Datasheet HTML 4Page - NXP Semiconductors 1N4005ID Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1996 Jun 10
3
Philips Semiconductors
Product specification
Rectifiers
1N4001ID to 1N4007ID
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on epoxy-glass printed-circuit board, 1.5 mm thick; thickness of copper
≥40 µm, see Fig.4.
For more information please refer to the
“General Part of associated Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 1 A; see see Fig.3
1.1
V
VF(AV)
full-cycle average forward voltage
IF(AV) = 1 A
0.8
V
IR
reverse current
VR =VRmax
10
µA
VR =VRmax; Tamb = 100 °C50
µA
IR(AV)
full-cycle average reverse current
VR =VRRMmax; Tamb =75 °C30
µA
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
60
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
120
K/W


Podobny numer części - 1N4005ID

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
1N4005 TSC-1N4005 Datasheet
236Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Rugao Dachang Electroni...
1N4005 DACHANG-1N4005 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Pan Jit International I...
1N4005 PANJIT-1N4005 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Guangdong Juxing Electr...
1N4005 JUXING-1N4005 Datasheet
1Mb / 2P
   SILICON RECTIFIER
logo
WILLAS ELECTRONIC CORP
1N4005 WILLAS-1N4005 Datasheet
262Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results

Podobny opis - 1N4005ID

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
1N2103 NJSEMI-1N2103 Datasheet
37Kb / 1P
   Rectifiers
logo
Microsemi Corporation
UES704 MICROSEMI-UES704 Datasheet
127Kb / 3P
   RECTIFIERS
UT236 MICROSEMI-UT236 Datasheet
136Kb / 3P
   RECTIFIERS
JAN1N5418 MICROSEMI-JAN1N5418 Datasheet
87Kb / 2P
   RECTIFIERS
logo
New Jersey Semi-Conduct...
UT234 NJSEMI-UT234 Datasheet
103Kb / 2P
   RECTIFIERS
logo
Microsemi Corporation
UES3005S MICROSEMI-UES3005S Datasheet
91Kb / 2P
   RECTIFIERS
UES4505C MICROSEMI-UES4505C Datasheet
90Kb / 2P
   RECTIFIERS
UTR10 MICROSEMI-UTR10 Datasheet
145Kb / 3P
   RECTIFIERS
UTR4405 MICROSEMI-UTR4405 Datasheet
157Kb / 3P
   RECTIFIERS
UES1501 MICROSEMI-UES1501 Datasheet
107Kb / 3P
   RECTIFIERS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com