Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4007ID Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 1N4007ID
Szczegółowy opis  Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N4007ID Arkusz danych(HTML) 2 Page - NXP Semiconductors

  1N4007ID Datasheet HTML 1Page - NXP Semiconductors 1N4007ID Datasheet HTML 2Page - NXP Semiconductors 1N4007ID Datasheet HTML 3Page - NXP Semiconductors 1N4007ID Datasheet HTML 4Page - NXP Semiconductors 1N4007ID Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1996 Jun 10
2
Philips Semiconductors
Product specification
Rectifiers
1N4001ID to 1N4007ID
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Available in ammo-pack.
DESCRIPTION
Cavity free cylindrical glass package
through Implotec
(1) technology.
(1) Implotec is a trademark of Philips.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
Fig.1 Simplified outline (SOD81) and symbol.
handbook, 4 columns
a
k
MAM123
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
1N4001ID
50
V
1N4002ID
100
V
1N4003ID
200
V
1N4004ID
400
V
1N4005ID
600
V
1N4006ID
800
V
1N4007ID
1000
V
VR
continuous reverse voltage
1N4001ID
50
V
1N4002ID
100
V
1N4003ID
200
V
1N4004ID
400
V
1N4005ID
600
V
1N4006ID
800
V
1N4007ID
1000
V
IF(AV)
average forward current
averaged over any 20 ms
period; Tamb =75 °C; see Fig.2
1.00 A
averaged over any 20 ms
period; Tamb = 100 °C; see Fig.2
0.75 A
IFRM
repetitive peak forward current
10
A
IFSM
non-repetitive peak forward current
half sinewave; 60 Hz
20
A
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−65
+175
°C


Podobny numer części - 1N4007ID

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4007 EIC-1N4007 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007 MAKOSEMI-1N4007 Datasheet
97Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
logo
Shenzhen Yixinwei Techn...
1N4007 YIXIN-1N4007 Datasheet
248Kb / 2P
   1.0 AMP SILICON RECTIFIERS
More results

Podobny opis - 1N4007ID

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
1N2103 NJSEMI-1N2103 Datasheet
37Kb / 1P
   Rectifiers
logo
Microsemi Corporation
UES704 MICROSEMI-UES704 Datasheet
127Kb / 3P
   RECTIFIERS
UT236 MICROSEMI-UT236 Datasheet
136Kb / 3P
   RECTIFIERS
JAN1N5418 MICROSEMI-JAN1N5418 Datasheet
87Kb / 2P
   RECTIFIERS
logo
New Jersey Semi-Conduct...
UT234 NJSEMI-UT234 Datasheet
103Kb / 2P
   RECTIFIERS
logo
Microsemi Corporation
UES3005S MICROSEMI-UES3005S Datasheet
91Kb / 2P
   RECTIFIERS
UES4505C MICROSEMI-UES4505C Datasheet
90Kb / 2P
   RECTIFIERS
UTR10 MICROSEMI-UTR10 Datasheet
145Kb / 3P
   RECTIFIERS
UTR4405 MICROSEMI-UTR4405 Datasheet
157Kb / 3P
   RECTIFIERS
UES1501 MICROSEMI-UES1501 Datasheet
107Kb / 3P
   RECTIFIERS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com