Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CZT651 Arkusz danych(PDF) 2 Page - Central Semiconductor Corp

Numer części CZT651
Szczegółowy opis  SURFACE MOUNT NPN HIGH CURRENT SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT651 Arkusz danych(HTML) 2 Page - Central Semiconductor Corp

  CZT651 Datasheet HTML 1Page - Central Semiconductor Corp CZT651 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LEAD CODE:
1) BASE
2) COLLECTOR
3) EMITTER
4) COLLECTOR
MARKING CODE:
FULL PART NUMBER
Central
Semiconductor Corp.
TM
SOT-223 CASE - MECHANICAL OUTLINE
CZT651
SURFACE MOUNT
NPN HIGH CURRENT
SILICON TRANSISTOR
R3 (17-June 2004)
MIN
MAX
MIN
MAX
A
10°
10°
B
0.059
0.071
1.50
1.80
C
0.018
---
0.45
---
D
0.000
0.004
0.00
0.10
E
F
0.009
0.014
0.23
0.35
G
0.248
0.264
6.30
6.70
H
0.114
0.122
2.90
3.10
I
0.130
0.146
3.30
3.70
J
0.264
0.287
6.70
7.30
K
0.024
0.033
0.60
0.85
L
M
SOT-223 (REV: R3)
15°
0.091
0.181
4.60
2.30
15°
DIMENSIONS
SYMBOL
MILLIMETERS
INCHES


Podobny numer części - CZT651

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CZT651 CENTRAL-CZT651 Datasheet
463Kb / 2P
   NPN - High Current Transistor Chip
CZT651 CENTRAL-CZT651_10 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT651 CENTRAL-CZT651_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results

Podobny opis - CZT651

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
logo
ON Semiconductor
PZT651T1 ONSEMI-PZT651T1 Datasheet
101Kb / 6P
   HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Central Semiconductor C...
CMPT5551HC CENTRAL-CMPT5551HC_15 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CXT5551HC CENTRAL-CXT5551HC_10 Datasheet
289Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT853 CENTRAL-CZT853_10 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CXT853 CENTRAL-CXT853_10 Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_15 Datasheet
441Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT NPN TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_10 Datasheet
512Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC Datasheet
127Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CZT853 CENTRAL-CZT853_15 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com