Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CZT853 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części CZT853
Szczegółowy opis  SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT853 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  CZT853 Datasheet HTML 1Page - Central Semiconductor Corp CZT853 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZT853
SURFACE MOUNT
HIGH CURRENT
SILICON NPN TRANSISTOR
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
200
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
6.0
A
Power Dissipation
PD
3.0
W (Note 1)
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
41.7
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=150V
10
nA
ICER
VCE=150V, RBE ≤ 1kΩ
10
nA
ICBO
VCB=150V, TA=100°C
1.0
μA
IEBO
VEB=6.0V
10
nA
BVCBO
IC=100μA
200
220
V
BVCER
IC=10mA, RBE ≤ 1kΩ
200
210
V
BVCEO
IC=10mA
100
110
V
BVEBO
IE=100μA
6.0
8.0
V
VCE(SAT)
IC=100mA, IB=5mA
22
50
mV
VCE(SAT)
IC=2.0A, IB=100mA
135
170
mV
VCE(SAT)
IC=5.0A, IB=500mA
340
mV
VBE(SAT)
IC=5.0A, IB=500mA
1.25
V
SOT-223 CASE
Central
Semiconductor Corp.
TM
R1 (30-January 2006)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT853 type
is
a
high
current
NPN
silicon
transistor
manufactured by the epitaxial planar process,
epoxy molded in a surface mount package,
designed for high voltage and high current
amplifier applications.
MARKING CODE: FULL PART NUMBER
PNP complement: CZT953
Notes: (1) FR-4 Epoxy PC Board with copper mounting pad area of 4in2 (minimum)


Podobny numer części - CZT853

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853_10 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT853 CENTRAL-CZT853_15 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results

Podobny opis - CZT853

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
PZT651T1 ONSEMI-PZT651T1 Datasheet
101Kb / 6P
   HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Central Semiconductor C...
CMPT5551HC CENTRAL-CMPT5551HC_15 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CXT5551HC CENTRAL-CXT5551HC_10 Datasheet
289Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT853 CENTRAL-CZT853_10 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CXT853 CENTRAL-CXT853_10 Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_15 Datasheet
441Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT NPN TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_10 Datasheet
512Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC Datasheet
127Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CZT853 CENTRAL-CZT853_15 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com