Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CZT2680 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części CZT2680
Szczegółowy opis  SURFACE MOUNT NPN HIGH VOLTAGE SILICON SWITCHING POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT2680 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  CZT2680 Datasheet HTML 1Page - Central Semiconductor Corp CZT2680 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
250
V
Collector-Emitter Voltage
VCEO
200
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
1.5
A
Peak Collector Current
ICM
2.0
A
Power Dissipation
PD
2.0
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=200V
100
nA
BVCBO
IC=100µA
250
435
V
BVCEO
IC=20mA
200
275
V
BVEBO
IE=100µA
6.0
9.0
V
VCE(SAT)
IC=100mA, IB=10mA
45
150
mV
VCE(SAT)
IC=500mA, IB=50mA
95
200
mV
VCE(SAT)
IC=1.0A, IB=150mA
135
500
mV
VBE(SAT)
IC=500mA, IB=50mA
0.83
1.10
V
VBE(SAT)
IC=1.0A, IB=150mA
0.95
1.20
V
CZT2680
SURFACE MOUNT
NPN HIGH VOLTAGE
SILICON SWITCHING
POWER TRANSISTOR
SOT-223 CASE
Central
Semiconductor Corp.
TM
R2 (17-June 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT2680
NPN High Voltage Switching Power Transistor,
manufactured by the epitaxial planar process,
combines both power and high speed switching
characteristics in a SOT-223 Surface Mount
Package. Typical applications include drivers
and general high voltage switching applications.
MARKING CODE: FULL PART NUMBER


Podobny numer części - CZT2680

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CZT2680 CENTRAL-CZT2680_10 Datasheet
602Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON SWITCHING POWER TRANSISTOR
CZT2680 CENTRAL-CZT2680_15 Datasheet
602Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON SWITCHING POWER TRANSISTOR
More results

Podobny opis - CZT2680

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CZT2680 CENTRAL-CZT2680_10 Datasheet
602Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON SWITCHING POWER TRANSISTOR
CZT2680 CENTRAL-CZT2680_15 Datasheet
602Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON SWITCHING POWER TRANSISTOR
CZTUX87 CENTRAL-CZTUX87_10 Datasheet
603Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
CZT3120 CENTRAL-CZT3120 Datasheet
76Kb / 2P
   SURFACE MOUNT NPN SILICON SWITCHING POWER TRANSISTOR
CZT3120 CENTRAL-CZT3120_10 Datasheet
602Kb / 2P
   SURFACE MOUNT NPN SILICON SWITCHING POWER TRANSISTOR
CZT3120 CENTRAL-CZT3120_15 Datasheet
602Kb / 2P
   SURFACE MOUNT NPN SILICON SWITCHING POWER TRANSISTOR
logo
ON Semiconductor
BSP19AT1 ONSEMI-BSP19AT1 Datasheet
83Kb / 6P
   NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
REV 2
logo
Central Semiconductor C...
CXTA44 CENTRAL-CXTA44_15 Datasheet
289Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON TRANSISTOR
CXTA44 CENTRAL-CXTA44 Datasheet
70Kb / 2P
   SURFACE MOUNT NPN SILICON HIGH VOLTAGE TRANSISTOR
CXTA44 CENTRAL-CXTA44_10 Datasheet
289Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com