Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP337 Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części TP337
Szczegółowy opis  Thermopile Infrared Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

TP337 Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

  TP337 Datasheet HTML 1Page - List of Unclassifed Manufacturers TP337 Datasheet HTML 2Page - List of Unclassifed Manufacturers TP337 Datasheet HTML 3Page - List of Unclassifed Manufacturers TP337 Datasheet HTML 4Page - List of Unclassifed Manufacturers TP337 Datasheet HTML 5Page - List of Unclassifed Manufacturers TP337 Datasheet HTML 6Page - List of Unclassifed Manufacturers TP337 Datasheet HTML 7Page - List of Unclassifed Manufacturers TP337 Datasheet HTML 8Page - List of Unclassifed Manufacturers TP337 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Thermopile Infrared Sensor
TP337



 Pin assignment & description
2
thermistor pin
4
thermistor pin (GND)
1
thermopile output pin (+)
3
thermopile output pin (-)



 Order information : TP337



 :
A
:
Standard filter (5-14
m), window size=2.57mm (diameter).
B
:
Silicon filter with flat band transmission, window size=2.57mm (diameter).
E
:
Standard filter (5-14
m), window size=3.80mm (diameter).
F
:
Silicon filter with flat band transmission, window size=3.80mm (diameter).
2(R)
3(V-)
1(V+) 4(GND)
BACKSIDE VIEW
Thermistor
Thermopile
SIDE VIEW


Podobny numer części - TP337

ProducentNumer częściArkusz danychSzczegółowy opis
logo
FENGJUI TECHNOLOGY CO.,...
TP330 FENGJUI-TP330 Datasheet
257Kb / 5P
   SMD POWER INDUCTOR-RoHS
TP330B FENGJUI-TP330B Datasheet
257Kb / 5P
   SMD POWER INDUCTOR-RoHS
TP331 FENGJUI-TP331 Datasheet
257Kb / 5P
   SMD POWER INDUCTOR-RoHS
TP331B FENGJUI-TP331B Datasheet
257Kb / 5P
   SMD POWER INDUCTOR-RoHS
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
More results

Podobny opis - TP337

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
   Thermopile Infrared Sensor
logo
Amphenol Corporation
ZTP-148SRC1 AMPHENOL-ZTP-148SRC1 Datasheet
311Kb / 4P
   Thermopile Infrared (IR) Sensor
logo
List of Unclassifed Man...
15TP551T ETC1-15TP551T Datasheet
784Kb / 44P
   THERMOPILE TYPE INFRARED SENSOR
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com