Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2222A Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 2N2222A
Szczegółowy opis  NPN switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2N2222A Arkusz danych(HTML) 5 Page - NXP Semiconductors

  2N2222A Datasheet HTML 1Page - NXP Semiconductors 2N2222A Datasheet HTML 2Page - NXP Semiconductors 2N2222A Datasheet HTML 3Page - NXP Semiconductors 2N2222A Datasheet HTML 4Page - NXP Semiconductors 2N2222A Datasheet HTML 5Page - NXP Semiconductors 2N2222A Datasheet HTML 6Page - NXP Semiconductors 2N2222A Datasheet HTML 7Page - NXP Semiconductors 2N2222A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 May 29
5
Philips Semiconductors
Product specification
NPN switching transistors
2N2222; 2N2222A
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Switching times (between 10% and 90% levels); see Fig.2
ton
turn-on time
ICon = 150 mA; IBon = 15 mA; IBoff = −15 mA −
35
ns
td
delay time
10
ns
tr
rise time
25
ns
toff
turn-off time
250
ns
ts
storage time
200
ns
tf
fall time
60
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Vi = 9.5 V; T = 500 µs; tp =10 µs; tr =tf ≤ 3 ns.
R1 = 68
Ω; R2 = 325 Ω; RB = 325 Ω; RC = 160 Ω.
VBB = −3.5 V; VCC = 29.5 V.
Oscilloscope input impedance Zi =50 Ω.
ndbook, full pagewidth
RC
R2
R1
DUT
MLB826
Vo
RB
(probe)
450
(probe)
450
oscilloscope
oscilloscope
VBB
Vi
VCC
Fig.2 Test circuit for switching times.


Podobny numer części - 2N2222A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
2N2222A STMICROELECTRONICS-2N2222A Datasheet
73Kb / 8P
   HIGH SPEED SWITCHES
June 1999
logo
Foshan Blue Rocket Elec...
2N2222A FOSHAN-2N2222A Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
STMicroelectronics
2N2222A STMICROELECTRONICS-2N2222A Datasheet
170Kb / 7P
   HIGH SPEED SWITCHES
2N2222A STMICROELECTRONICS-2N2222A Datasheet
172Kb / 7P
   HIGH SPEED SWITCHES
logo
Seme LAB
2N2222A SEME-LAB-2N2222A Datasheet
14Kb / 2P
   HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
More results

Podobny opis - 2N2222A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PMBT2222 PHILIPS-PMBT2222 Datasheet
46Kb / 8P
   NPN switching transistors
1999 Apr 27
PN2369 PHILIPS-PN2369 Datasheet
45Kb / 8P
   NPN switching transistors
1999 Apr 14
PMBT2222 NXP-PMBT2222 Datasheet
152Kb / 8P
   NPN switching transistors
2004 Jan 22
logo
Nexperia B.V. All right...
BSR13 NEXPERIA-BSR13 Datasheet
376Kb / 9P
   NPN switching transistors
2004 Jan 13
logo
NXP Semiconductors
BCY58 PHILIPS-BCY58 Datasheet
50Kb / 8P
   NPN switching transistors
1997 Jun 17
BSW66A PHILIPS-BSW66A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 05
logo
Micro Commercial Compon...
2N2222 MCC-2N2222 Datasheet
238Kb / 3P
   NPN Switching Transistors
2N2222A-BP MCC-2N2222A-BP Datasheet
243Kb / 3P
   NPN Switching Transistors
logo
Comset Semiconductor
2N5681 COMSET-2N5681 Datasheet
79Kb / 3P
   NPN SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
   NPN Switching Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com