Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZW50-27 Arkusz danych(PDF) 2 Page - EIC discrete Semiconductors

Numer części BZW50-27
Szczegółowy opis  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EIC [EIC discrete Semiconductors]
Strona internetowa  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZW50-27 Arkusz danych(HTML) 2 Page - EIC discrete Semiconductors

  BZW50-27 Datasheet HTML 1Page - EIC discrete Semiconductors BZW50-27 Datasheet HTML 2Page - EIC discrete Semiconductors BZW50-27 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown voltage
αT
C
(Note 1)
max
typ
VBR
@
IR
VCL
@
IPP
(Note 2) (Note 3)
Unidirectional
Bidirectional
min (V)
max (V)
(mA)
(µA)
(V)
max (V)
(A)
10
-4/ºC
(pF)
BZW50-10
BZW50-10B
11.1
13.6
1.0
5.0
10
18.8
266
7.8
24000
BZW50-12
BZW50-12B
13.3
16.3
1.0
5.0
12
22.0
227
8.4
18500
BZW50-15
BZW50-15B
16.6
20.4
1.0
5.0
15
26.9
186
8.8
13500
BZW50-18
BZW50-18B
20.0
24.4
1.0
5.0
18
32.2
155
9.2
1150
BZW50-22
BZW50-22B
24.4
29.8
1.0
5.0
22
39.4
127
9.6
8500
BZW50-27
BZW50-27B
30.0
36.6
1.0
5.0
27
48.3
103
.9.8
7000
BZW50-33
BZW50-33B
36.6
44.7
1.0
5.0
33
59.0
85
10
5750
BZW50-39
BZW50-39B
43.3
53.0
1.0
5.0
39
69.4
72
10.1
4800
BZW50-47
BZW50-47B
52.0
63.6
1.0
5.0
47
83.2
60.1
10.3
4100
BZW50-56
BZW50-56B
62.2
76.0
1.0
5.0
56
99.6
50
10.4
3400
BZW50-68
BZW50-68B
75.6
92.4
1.0
5.0
68
121
41
10.5
3000
BZW50-82
BZW50-82B
91.0
111
1.0
5.0
82
145
34
10.6
2600
BZW50-100
BZW50-100B
111
136
1.0
5.0
100
179
28
10.7
2300
BZW50-120
BZW50-120B
133
163
1.0
5.0
120
215
23
10.8
1900
BZW50-150
BZW50-150B
166
204
1.0
5.0
150
269
19
10.8
1700
BZW50-180
BZW50-180B
200
244
1.0
5.0
180
322
16
10.8
1500
Notes:
(1) Pulse test : tp < 50 ms.
(2)
Δ V
BR = αT * (Ta - 25) * VBR (25ºC)
(3) VR = 0V, f = 1MHz. For Bidirectional types, capacitance value is divided by 2.
Page 2 of 3
Rev. 02 : March 25, 2005
Type No.
Clamping voltage
10/1000 µs
current @ VRM
IRM
@
VRM
Max. Leakage


Podobny numer części - BZW50-27

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BZW50-27 STMICROELECTRONICS-BZW50-27 Datasheet
78Kb / 5P
   TRANSILTM
BZW50-27 STMICROELECTRONICS-BZW50-27 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
BZW50-27 STMICROELECTRONICS-BZW50-27 Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
logo
SUNMATE electronic Co.,...
BZW50-27 SUNMATE-BZW50-27 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
BZW50-27 NJSEMI-BZW50-27 Datasheet
207Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Podobny opis - BZW50-27

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com