Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT573A Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74ABT573A
Szczegółowy opis  Octal D-type transparent latch 3-State
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT573A Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74ABT573A Datasheet HTML 1Page - NXP Semiconductors 74ABT573A Datasheet HTML 2Page - NXP Semiconductors 74ABT573A Datasheet HTML 3Page - NXP Semiconductors 74ABT573A Datasheet HTML 4Page - NXP Semiconductors 74ABT573A Datasheet HTML 5Page - NXP Semiconductors 74ABT573A Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
74ABT573A
Octal D-type transparent latch (3-State)
1
1995 Sep 06
853–1455 15703
FEATURES
74ABT573A is flow-through pinout version of 74ABT373
Inputs and outputs on opposite side of package allow easy
interface to microprocessors
3-State output buffers
Common output enable
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
Power-up 3-State
Power-up reset
DESCRIPTION
The 74ABT573A high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT573A device is an octal transparent latch coupled to
eight 3-State output buffers. The two sections of the device are
controlled independently by Enable (E) and Output Enable (OE)
control gates. The 74ABT573A is functionally identical to the
74ABT373 but has a flow-through pinout configuration to facilitate
PC board layout and allow easy interface with microprocessors.
The data on the D inputs are transferred to the latch outputs when
the Latch Enable (E) input is High. The latch remains transparent to
the data inputs while E is High, and stores the data that is present
one setup time before the High-to-Low enable transition.
The 3-State output buffers are designed to drive heavily loaded
3-State buses, MOS memories, or MOS microprocessors. The
active-Low Output Enable (OE) controls all eight 3-State buffers
independent of the latch operation.
When OE is Low, the latched or transparent data appears at the
outputs. When OE is High, the outputs are in the High-impedance
”OFF” state, which means they will neither drive nor load the bus.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
Dn to Qn
CL = 50pF; VCC = 5V
2.8
3.3
ns
CIN
Input capacitance
VI = 0V or VCC
3
pF
COUT
Output capacitance
Outputs disabled; VO = 0V or VCC
6
pF
ICCZ
Total supply current
Outputs disabled; VCC =5.5V
100
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic DIP
–40
°C to +85°C
74ABT573A N
74ABT573A N
SOT146-1
20-Pin plastic SO
–40
°C to +85°C
74ABT573A D
74ABT573A D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT573A DB
74ABT573A DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT573A PW
74ABT573APW DH
SOT360-1
PIN CONFIGURATION
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
VCC
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
E
OE
D0
D1
D2
D3
D4
D5
D6
D7
GND
SA00185
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
OE
Output enable input (active-Low)
2, 3, 4, 5,
6, 7, 8, 9
D0-D7
Data inputs
19, 18, 17,
16, 15, 14,
13, 12
Q0-Q7
Data outputs
11
E
Enable input (active-High)
10
GND
Ground (0V)
20
VCC
Positive supply voltage


Podobny numer części - 74ABT573A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT573A PHILIPS-74ABT573A Datasheet
52Kb / 6P
   Octal D-type transparent latch (3-State)
1995 Sep 06
74ABT573AD PHILIPS-74ABT573AD Datasheet
52Kb / 6P
   Octal D-type transparent latch (3-State)
1995 Sep 06
74ABT573ADB PHILIPS-74ABT573ADB Datasheet
52Kb / 6P
   Octal D-type transparent latch (3-State)
1995 Sep 06
74ABT573AN PHILIPS-74ABT573AN Datasheet
52Kb / 6P
   Octal D-type transparent latch (3-State)
1995 Sep 06
74ABT573APW PHILIPS-74ABT573APW Datasheet
52Kb / 6P
   Octal D-type transparent latch (3-State)
1995 Sep 06
More results

Podobny opis - 74ABT573A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com