Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT620 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74ABT620
Szczegółowy opis  Octal transceiver with dual enable, inverting 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT620 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74ABT620 Datasheet HTML 1Page - NXP Semiconductors 74ABT620 Datasheet HTML 2Page - NXP Semiconductors 74ABT620 Datasheet HTML 3Page - NXP Semiconductors 74ABT620 Datasheet HTML 4Page - NXP Semiconductors 74ABT620 Datasheet HTML 5Page - NXP Semiconductors 74ABT620 Datasheet HTML 6Page - NXP Semiconductors 74ABT620 Datasheet HTML 7Page - NXP Semiconductors 74ABT620 Datasheet HTML 8Page - NXP Semiconductors 74ABT620 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Product specification
74ABT620
Octal transceiver with dual enable, inverting
(3-State)
2
1993 Jun 21
853–1611 10081
FEATURES
Octal bidirectional bus interface
3-State buffers
Power-up 3-State
Live insertion/extraction permitted
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
DESCRIPTION
The 74ABT620 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT620 device is an octal transceiver featuring inverting
3-State bus compatible outputs in both send and receive directions.
The 74ABT620 is designed for asynchronous two-way
communication between data buses. The control function
implementation allows for maximum flexibility in timing. This device
allows data transmission from the A bus to the B bus or from the B
bus to the A bus, depending upon the logic levels at the Enable
inputs (OEBA and OEAB). The Enable inputs can be used to disable
the device so that the buses are effectively isolated.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50pF; VCC = 5V
3.1
ns
CIN
Input capacitance
OEAB, OEBA
VI = 0V or VCC
4
pF
CI/O
I/O capacitance
Outputs disabled; VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
50
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic DIP
–40
°C to +85°C
74ABT620 N
74ABT620 N
SOT146-1
20-Pin plastic SO
–40
°C to +85°C
74ABT620 D
74ABT620 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT620 DB
74ABT620 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT620 PW
74ABT620PW DH
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OEAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
OEBA
B0
B1
B2
B3
B4
B5
B6
B7
SA00189
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
OEAB
Output enable input, A side to B side
(active-High)
2, 3, 4, 5,
6, 7, 8, 9
A0 – A7
Data inputs/outputs (A side)
18, 17, 16, 15,
14, 13, 12, 11
B0 – B7
Data inputs/outputs (B side)
19
OEBA
Output enable input, B side to A side
(active-Low)
10
GND
Ground (0V)
20
VCC
Positive supply voltage


Podobny numer części - 74ABT620

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
74ABT623 NXP-74ABT623 Datasheet
338Kb / 15P
   Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
74ABT623D PHILIPS-74ABT623D Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
74ABT623D NXP-74ABT623D Datasheet
338Kb / 15P
   Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
74ABT623DB PHILIPS-74ABT623DB Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
More results

Podobny opis - 74ABT620

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT623 NXP-74ABT623 Datasheet
338Kb / 15P
   Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com