Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT620DB Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74ABT620DB
Szczegółowy opis  Octal transceiver with dual enable, inverting 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT620DB Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT620DB Datasheet HTML 2Page - NXP Semiconductors 74ABT620DB Datasheet HTML 3Page - NXP Semiconductors 74ABT620DB Datasheet HTML 4Page - NXP Semiconductors 74ABT620DB Datasheet HTML 5Page - NXP Semiconductors 74ABT620DB Datasheet HTML 6Page - NXP Semiconductors 74ABT620DB Datasheet HTML 7Page - NXP Semiconductors 74ABT620DB Datasheet HTML 8Page - NXP Semiconductors 74ABT620DB Datasheet HTML 9Page - NXP Semiconductors 74ABT620DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Philips Semiconductors
Product specification
74ABT620
Octal transceiver with dual enable, inverting
(3-State)
1993 Jun 21
6
TEST CIRCUIT AND WAVEFORMS
PULSE
GENERATOR
RT
VIN
VOUT
CL
RL
VCC
RL
7.0V
Test Circuit for 3-State Outputs
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
Amplitude
Rep. Rate
tW
tR
tF
74ABT
3.0V
1MHz
500ns
2.5ns
2.5ns
SWITCH POSITION
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SA00012
D.U.T.


Podobny numer części - 74ABT620DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
74ABT623 NXP-74ABT623 Datasheet
338Kb / 15P
   Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
74ABT623D PHILIPS-74ABT623D Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
74ABT623D NXP-74ABT623D Datasheet
338Kb / 15P
   Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
74ABT623DB PHILIPS-74ABT623DB Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
More results

Podobny opis - 74ABT620DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74ABT623 PHILIPS-74ABT623 Datasheet
104Kb / 10P
   Octal transceiver with dual enable, non-inverting; 3-State
1998 Jan 16
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
74ABT623 NXP-74ABT623 Datasheet
338Kb / 15P
   Octal transceiver with dual enable; non-inverting; 3-state
Rev. 03-22 October 2009
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com