Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC2393 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części MC2393
Szczegółowy opis  C-BAND SOLID STATE POWER AMPLIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

MC2393 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  MC2393 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC2393 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTLINE DIAGRAM
CHARACTERISTICS
TC
MODEL MC2393, MC2404, MC2405
TECHNOLOGIES INC.
Thin Film
Thin Film
Passives
Passives
RF Components
Electro-Optics
Subsystem
Subsystem
Electro-Optics
RF Components
Specifications are subject to change without notification. Consult Nanowave Technologies, Inc. for specific applications/requirements.
MODEL
MC2405
MC2404
MC2393
Frequency
5.850 – 6.425 GHz
5.850 – 6.425 GHz
5.850 – 6.425 GHz
Small Signal Gain
59 dB typ. at 25 °C
56 dB typ. at 25 °C
53 dB typ. at 25 °C
Gain Variation
Full Band
Per 2MHz
Per 40 MHz
Gain vs Temp.
Gain - 7.3 GHz
<2.0 dBp -p/575 MHz at P1dB
<0.1 dBp -p/2 MHz
<0.4 dBp -p/40 MHz
<2 dB change over –40°C to 75 °C at
any single freq. (temp. measured at
baseplate)
< 5 dB
<3.0 dBp -p/575 MHz at P1dB
<0.1 dBp -p/2 MHz
<0.4 dBp -p/40 MHz
<2 dB change over –40°C to 75 °C at
any si ngle freq. (temp. measured at
baseplate)
< 5 dB
<3.0 dBp -p/575 MHz at P1dB
<0.1 dBp -p/2 MHz
<0.4 dBp -p/40 MHz
<2 dB change over –40°C to 75 °C at
any single freq. (temp. measured at
baseplate)
< 5 dB
P1dB
Max Input Power
>20 W (+43.0 dBm)
at +75 °C bas eplate
+ 10 dBm
>10 W (+40.0 dBm)
at +75 °C baseplate
+ 10 dBm
>5 W (+37.0 dBm)
at +75 °C baseplate
+ 10 dBm
3
rd
Order Intercept Point
> +51 dBm measured for two +37
dBm carriers at +25 °C
> +48 dBm measured for two +34
dBm carriers at +25 °C
> +45 dBm me asured for two +31
dBm carriers at +25 °C
Voltage
Current (typ.)
Connector
DC Inp.Ripple
+12 to +13 VDC
12 A at +25 °C
Solder terminal feedthru capacitor
with ground terminal or lug.
Meets all specs with up to
100 mV p -p at 50 - 1200 kHz ac
input ri pple
+12 to +13 VDC
< 7.0 A at +25 °C
Solder terminal feedthru capacitor
with ground terminal or lug.
Meets all specs with up to
100 mV p -p at 50 - 1200 kHz ac
input ripple
+12 to +13 VDC
< 5.0 A at +25 °C
Solder terminal feedthru capacitor
with ground ter minal or lug.
Meets all specs with up to
100 mV p -p at 50 - 1200 kHz ac
input ripple
Input Return Loss
15 dBm min
15 dBm min
15 dBm min
Output Return Loss
15 dBm min
15 dBm min
18 dBm min
Inp. Connector
SMA-Female (N -Type Optional)
SMA -Female (N -Type O ptional)
SMA-Female (N -Type Optional)
Output Connector
SMA-Female (N -Type Optional)
SMA -Female (N -Type Optional)
SMA-Female (N -Type Optional)
RF Detector
-40 dBc ± 1.0 dB
-40 dBc ± 1.0 dB
-40 dBc ± 1.0 dB
DC Indicator
2.0 – 2.3 V
2.0 – 2.3 V
2.0 – 2.3 V
Noise Figure
10 dB max
10 dB max
10 dB max
Spurious
• -70 dBc 5.8 -6.4 GHz at P1dB -3dB
• -70 dBc at 10.95 -12.75 GHz
• -70 dBc at 3.7 -4.2 GHz
• -70 dBc 5.8 -6.4 GHz at P1dB -3dB
• -70 dBc at 10.95 -12.75 GHz
• -70 dBc at 3.7 -4.2 GHz
• -70 dBc 5.8 -6.4 GHz at P1dB -3dB
• -70 dBc at 10.95 -12.75 GHz
• -70 dBc at 3.7 -4.2 GHz
Harmonics
-50 dBc
-50 dBc
-50 dBc
Stability
Unconditionally stable into any
load/source condition
Unconditionally stable into any
load/source condition
Unconditionally stable into any
load/source condition
AM/PM Conversion
< 3°/dB at P1dB
< 3°/dB at P1dB
< 2°/dB at P1dB
Temperature
Operating
Storage
-40°C to +65 °C baseplate
-54°C to +85 °C
-40°C to +65 °C baseplate
-54°C to +85 °C
-40°C to +65 °C baseplate
-54°C to +85 °C
Humidity
5 to 9 5%
(housing is laser sealed)
5 to 95%
(housing is laser sealed)
5 to 95%
(housing is laser sealed)
Shock/vibration
No permanent damage after 2 ft drop
onto a ?” plywood surface on
concrete
No permanent damage after 2 ft drop
onto a ?” plywood surface on
concrete
No permanent damage after 2 ft drop
onto a ?” plywood surface on
concrete
MTBF
> 50 000 hrs
> 50 000 hrs
> 50 000 hrs


Podobny numer części - MC2393

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MC2300 ETC-MC2300 Datasheet
1Mb / 59P
   Navigator Motion Processor
MC2300 ETC1-MC2300 Datasheet
1Mb / 59P
   Technical Specifications for Brushless Servo Motion Control
logo
Tyco Electronics
MC2307 MACOM-MC2307 Datasheet
210Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
logo
M/A-COM Technology Solu...
MC2307 MA-COM-MC2307 Datasheet
93Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2307 MA-COM-MC2307 Datasheet
93Kb / 3P
   Open Carrier Double-Balanced Mixer
More results

Podobny opis - MC2393

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
SSPA CPI-SSPA Datasheet
199Kb / 2P
   Rack-Mount Solid State Power Amplifiers
logo
American Accurate Compo...
PA8018N4020 AAC-PA8018N4020 Datasheet
56Kb / 1P
   1W Solid State Power and GPS Power Amplifiers
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
   1 Form C Solid State Relay
logo
List of Unclassifed Man...
G3PA ETC-G3PA Datasheet
249Kb / 16P
   Power Solid-state Relay
logo
Micropac Industries
53514 MICROPAC-53514 Datasheet
104Kb / 7P
   SOLID STATE POWER CONTROLLERS
logo
celduc-relais
SC741110 CELDUC-SC741110 Datasheet
97Kb / 2P
   Power Solid State Relay
SC764110 CELDUC-SC764110 Datasheet
98Kb / 2P
   Power Solid State Relay
SC968160 CELDUC-SC968160 Datasheet
98Kb / 2P
   Power Solid State Relay
SCF42160-E CELDUC-SCF42160-E Datasheet
82Kb / 2P
   Power Solid State Relay
SU867070 CELDUC-SU867070 Datasheet
711Kb / 7P
   Power Solid State Relay
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com