Zakładka z wyszukiwarką danych komponentów |
|
74ABT74N Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
74ABT74N Arkusz danych(HTML) 2 Page - NXP Semiconductors |
2 / 5 page Philips Semiconductors Product specification 74ABT74 Dual D-type flip-flop 1995 Sep 22 2 FUNCTION TABLE INPUTS OUTPUTS OPERATING SD RD CP D Q Q OPERATING MODE L H X X H L Asynchronous set H L X X L H Asynchronous reset L L X X H H Undetermined* H H ↑ h H L Load “1” H H ↑ l L H Load “0” H H ↑ X NC NC Hold NOTES: H = High voltage level h = High voltage level one setup time prior to low-to-high clock transition L = Low voltage level l = Low voltage level one setup time prior to low-to-high clock transition NC= No change from the previous setup X = Don’t care ↑ = Low-to-high clock transition ↑ = Not low-to-high clock transition * = This setup is unstable and will change when either set or reset return to the high level. ABSOLUTE MAXIMUM RATINGS1, 2 SYMBOL PARAMETER CONDITIONS RATING UNIT VCC DC supply voltage –0.5 to +7.0 V IIK DC input diode current VI < 0 –18 mA VI DC input voltage3 –1.2 to +7.0 V IOK DC output diode current VO < 0 –50 mA VOUT DC output voltage3 output in Off or High state –0.5 to +5.5 V IOUT DC output current output in Low state 40 mA Tstg Storage temperature range –65 to 150 °C NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150 °C. 3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. RECOMMENDED OPERATING CONDITIONS SYMBOL PARAMETER LIMITS UNIT SYMBOL PARAMETER MIN MAX UNIT VCC DC supply voltage 4.5 5.5 V VI Input voltage 0 VCC V VIH High-level input voltage 2.0 V VIL Low-level input voltage 0.8 V IOH High-level output current –15 mA IOL Low-level output current 20 mA ∆t/∆v Input transition rise or fall rate 0 10 ns/V Tamb Operating free-air temperature range –40 +85 °C |
Podobny numer części - 74ABT74N |
|
Podobny opis - 74ABT74N |