Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

H03N60 Arkusz danych(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Numer części H03N60
Szczegółowy opis  N-Channel Power Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HSMC [Hi-Sincerity Mocroelectronics]
Strona internetowa  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H03N60 Arkusz danych(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H03N60 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H03N60 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H03N60 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H03N60 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H03N60 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200602
Issued Date : 2006.02.01
Revised Date : 2006.02.07
Page No. : 1/5
H03N60E, H03N60F
HSMC Product Specification
H03N60 Series
N-Channel Power Field Effect Transistor
Description
This high voltage MOSFET uses an advanced termination scheme to
provide enhanced voltage-blocking capability without degratding
performance over time. In addition, this advanced MOSFET is designed to
withstand high energy in avalanche and commutation modes. The new
energy efficient design also offers a drain-to-source diode with a fast
recovery time. Designed for high voltage, high speed switching
applications in power supplies, converters and PWM motor controls,
these devices are particularly well suited for bridge circuits where diode
speed and commutating safe operating areas are critical and offer
additional and saafety margin against unexpected voltage transients.
Features
• Robust High Voltage Termination
• Avalanc he Energy Specified
• Source-to-Drain Diode Recovery Time Comparable to a Discrete Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• I
DSS and VDS(on) Specified at Elevated Temperature
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
D
Drain to Current (Continuous)
3
A
I
DM
Drain to Current (Pulsed)
12
A
V
GS
Gate-to-Source Voltage (Continue)
±30
V
Total Power Dissipation (T
C=25
oC)
H03N60E (TO-220AB)
H03N60F (TO-220FP)
55
28
W
P
D
Derate above 25
°C
H03N60E (TO-220AB)
H03N60F (TO-220FP)
0.4
0.33
W/
°C
T
j, Tstg
Operating and Storage Temperature Range
-55 to 150
°C
E
AS
Single Pulse Drain-to-Source Avalanche Enrgy-Tj=25
°C
(V
DD=100V, VGS=10V, IL=2A, L=10mH, RG=25Ω)
35
mJ
T
L
Maximum Lead Temperature for Soldering Purposes, 1/8”
from case for 10 seconds
260
°C
H03N60 Series Pin Assignment
1
2
3
3-Lead Plastic TO-220FP
Package Code: F
Pin 1: Gate
Pin 2: Drain
Pin 3: Source
3-Lead Plastic TO-220AB
Package Code: E
Pin 1: Gate
Pin 2 & Tab: Drain
Pin 3: Source
1
2
3
Tab
H03N60 Series
Symbol:
G
D
S


Podobny numer części - H03N60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Qualtek Electronics Cor...
H03NND3H2U3G100 QUALTEK-H03NND3H2U3G100 Datasheet
341Kb / 1P
   International Power Cords
H03NND3HU3G100 QUALTEK-H03NND3HU3G100 Datasheet
341Kb / 1P
   International Power Cords
H03NRD3H2U3G100 QUALTEK-H03NRD3H2U3G100 Datasheet
341Kb / 1P
   International Power Cords
H03NRD3HU3G100 QUALTEK-H03NRD3HU3G100 Datasheet
341Kb / 1P
   International Power Cords
H03NTD3H2U3G100 QUALTEK-H03NTD3H2U3G100 Datasheet
341Kb / 1P
   International Power Cords
More results

Podobny opis - H03N60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hi-Sincerity Mocroelect...
H06N60 HSMC-H06N60 Datasheet
71Kb / 6P
   N-Channel Power Field Effect Transistor
H01N45A HSMC-H01N45A Datasheet
44Kb / 4P
   N-Channel Power Field Effect Transistor
H01N60S HSMC-H01N60S Datasheet
62Kb / 5P
   N-Channel Power Field Effect Transistor
H07N65 HSMC-H07N65 Datasheet
168Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60 HSMC-H02N60 Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60S HSMC-H02N60S Datasheet
77Kb / 6P
   N-Channel Power Field Effect Transistor
H05N60 HSMC-H05N60 Datasheet
60Kb / 5P
   N-Channel Power Field Effect Transistor
H07N60 HSMC-H07N60 Datasheet
61Kb / 5P
   N-Channel Power Field Effect Transistor
H01N60 HSMC-H01N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H02N65 HSMC-H02N65 Datasheet
171Kb / 6P
   N-Channel Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com