Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT834 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74ABT834
Szczegółowy opis  Octal inverting transceiver with parity generator/checker 3-State
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT834 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74ABT834 Datasheet HTML 1Page - NXP Semiconductors 74ABT834 Datasheet HTML 2Page - NXP Semiconductors 74ABT834 Datasheet HTML 3Page - NXP Semiconductors 74ABT834 Datasheet HTML 4Page - NXP Semiconductors 74ABT834 Datasheet HTML 5Page - NXP Semiconductors 74ABT834 Datasheet HTML 6Page - NXP Semiconductors 74ABT834 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors Advanced BiCMOS Products
Objective specification
74ABT834
Octal inverting transceiver with parity
generator/checker (3–State)
June 9, 1992
2
PIN DESCRIPTION
SYMBOL
PIN NUMBER
NAME AND FUNCTION
A0 – A7
2, 3, 4, 5,
6, 7, 8, 9
A port 3–State inputs/outputs
B0 – B7
23, 22, 21, 20,
19, 18, 17, 16
B port 3–State inputs/outputs
OEA
1
Enables the A outputs when Low
OEB
14
Enables the B outputs when Low
PARITY
15
Parity output
ERROR
10
Error output
CLEAR
11
Clears the error flag register when Low
CP
13
Clock input
GND
12
Ground (0V)
VCC
24
Positive supply voltage
FUNCTION TABLE
INPUTS
OUTPUTS
MODE
OEB
OEA
An
Σ of Highs
Bn + Parity
Σ of Lows
An
Bn
PARITY
A data to B bus and generate odd parity
output
L
H
Odd
Even
NA
(output)
NA
(input)
An
H
L
B data to A bus and check for parity error1
H
L
NA
(output)
Odd
Even
Bn
NA
(input)
NA
(input)
A bus and B bus disabled2
H
H
X
X
Z
Z
Z
A data to B bus and generate inverted
parity output
L
L
Odd
Even
NA
(output)
NA
(input)
An
L
H
NOTES:
1. Error checking is detailed in the Error Flag Function Table below.
2. When clocked, the error output is Low if the sum of A inputs is even or High if the sum of A inputs is odd.
ERROR FLAG FUNCTION TABLE
INPUTS
Internal node
Output
MODE
CLEAR
CP
Bn + Parity
Σ of Lows
Point ”P”
Pre–state
ERRORn–1
ERROR
OUTPUT
Sample
H
H
H
X
Odd
Even
X
H
L
X
H
X
L
H
L
L
Hold
H
X
X
X
NC
Clear
L
X
X
X
X
H
H
= High voltage level steady state
L
= Low voltage level steady state
X
= Don’t care
NA = Not applicable
NC = No change
Z
= High impedance ”off” state
= Low–to–High clock transition
= Not a Low–to–High clock transition


Podobny numer części - 74ABT834

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT833D PHILIPS-74ABT833D Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT833DB PHILIPS-74ABT833DB Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT833N PHILIPS-74ABT833N Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT833PW PHILIPS-74ABT833PW Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
More results

Podobny opis - 74ABT834

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com