Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP12MS9AKE2 Arkusz danych(PDF) 2 Page - ITT Industries

Numer części TP12MS9AKE2
Szczegółowy opis  Tiny Pushbutton Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

TP12MS9AKE2 Arkusz danych(HTML) 2 Page - ITT Industries

  TP12MS9AKE2 Datasheet HTML 1Page - ITT Industries TP12MS9AKE2 Datasheet HTML 2Page - ITT Industries TP12MS9AKE2 Datasheet HTML 3Page - ITT Industries TP12MS9AKE2 Datasheet HTML 4Page - ITT Industries TP12MS9AKE2 Datasheet HTML 5Page - ITT Industries TP12MS9AKE2 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SWITCHES WITH STANDARD OPTIONS
TP12SHZQE
MOM. = Momentary
MOM. = Momentary
MOM. = Momentary
SP Models
DP Models
Omit center terminals for
SPST & DPST models.
TP12SH8ABE
TP12SH9ABE
SPDT
SPDT
NOTE: For PC termination, replace ‘Z’ with ‘C’.
For panel & PC mounting information, see page B-13.
NOTE: For PC mounting information, see page B-14.
NOTE: For PC mounting information, see page B-14.
Omit center terminal for
SPST models.
SPDT
Omit center terminal for
SPST models.
Tiny Pushbutton Switches
TP Series
B
B-11
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @
20 V AC or DC max. Q contact material: 1 AMP @
120 V AC or 28 V DC. See page B-16 for additional ratings.
ELECTRICAL LIFE: TP11, TP21 MODELS: 60,000 make-and-break
cycles at full load.
TP12 MODELS: 30,000 cycles.
CONTACT RESISTANCE: Below 20 milliohms typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109 ohms min.
DIELECTRIC STRENGTH: 1000 V RMS min. @ sea level.
OPERATING TEMPERATURE: –30
_C to 85_C.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
CASE: Glass filled nylon 6/6, flame retardant, heat stabilized or
diallyl phthalate (DAP), (UL 94V-0).
PLUNGER: Thermoplastic polyester (UL 94V-0).
CAP & FRAME: Nylon, black standard.
BUSHING: Brass, nickel plated.
HOUSING: Stainless steel.
SWITCH SUPPORT: Brass, tin plated.
END CONTACTS: B contact material: Copper alloy, with gold plate over
nickel plate. Q contact material: Coin silver, silver plated. See page
B-16 for additional contact materials.
CENTER CONTACT & ALL TERMINALS: B contact material: Copper
alloy, with gold plate over nickel plate. Q contact material: Copper
alloy, silver plated. See page B-16 for additional contact materials.
TERMINAL SEAL: Epoxy.
HARDWARE: Nut & Locking Ring: Brass nickel plated.
Lockwasher: Steel, nickel plated.
POS. 1
POS. 2
PART NUMBER
FUNCTION
TP11SHZQE
TP12SHZQE
TP21SHZQE
SPST
SPDT
DPST
OFF
ON
OFF
MOM.
MOM.
MOM.
POS. 1
POS. 2
PART NUMBER
FUNCTION
TP11SH8ABE
TP12SH8ABE
SPST
SPDT
OFF
ON
MOM.
MOM.
POS. 1
POS. 2
PART NUMBER
FUNCTION
TP11SH9ABE
TP12SH9ABE
SPST
SPDT
OFF
ON
MOM.
MOM.
Rev. A 8/99


Podobny numer części - TP12MS9AKE2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
TP11LT9CG-E-2-2 CK-COMPONENTS-TP11LT9CG-E-2-2 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
TP11LT9CR-E-2-2 CK-COMPONENTS-TP11LT9CR-E-2-2 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
TP11LT9Z-B-E-2-2 CK-COMPONENTS-TP11LT9Z-B-E-2-2 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
TP12MS9ABE12 CK-COMPONENTS-TP12MS9ABE12 Datasheet
429Kb / 6P
   Tiny Pushbutton Switches
TP12MS9ABE22 CK-COMPONENTS-TP12MS9ABE22 Datasheet
429Kb / 6P
   Tiny Pushbutton Switches
More results

Podobny opis - TP12MS9AKE2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
TP CK-COMPONENTS-TP Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
TP21SH8CQE CK-COMPONENTS-TP21SH8CQE Datasheet
429Kb / 6P
   Tiny Pushbutton Switches
TP CK-COMPONENTS-TP_V01 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
5 Aug 20
TP11SHABE22 CK-COMPONENTS-TP11SHABE22 Datasheet
518Kb / 6P
   Tiny Pushbutton Switches
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP CK-COMPONENTS-EP Datasheet
990Kb / 6P
   Sealed Tiny Pushbutton Switches
5 Aug 20
logo
ITT Industries
EP11SD1ABE ITT-EP11SD1ABE Datasheet
742Kb / 6P
   Sealed Tiny Pushbutton Switches
logo
C&K Components
465805000 CK-COMPONENTS-465805000 Datasheet
528Kb / 7P
   TP Series Tiny Pushbutton Switches
TP21SHZQE CK-COMPONENTS-TP21SHZQE Datasheet
518Kb / 6P
   TP Series Tiny Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com