Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHCU04D Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74AHCU04D
Szczegółowy opis  Hex inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCU04D Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74AHCU04D Datasheet HTML 6Page - NXP Semiconductors 74AHCU04D Datasheet HTML 7Page - NXP Semiconductors 74AHCU04D Datasheet HTML 8Page - NXP Semiconductors 74AHCU04D Datasheet HTML 9Page - NXP Semiconductors 74AHCU04D Datasheet HTML 10Page - NXP Semiconductors 74AHCU04D Datasheet HTML 11Page - NXP Semiconductors 74AHCU04D Datasheet HTML 12Page - NXP Semiconductors 74AHCU04D Datasheet HTML 13Page - NXP Semiconductors 74AHCU04D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1999 Sep 27
10
Philips Semiconductors
Product specification
Hex inverter
74AHCU04
Table 1
External components for resonator (f < 1 MHz)
Note
1. All values given are typical and must be used as an
initial set-up.
Table 2
Optimum value for R2
FREQUENCY
(kHz)
R1 (M
Ω)R2 (kΩ) C1 (pF) C2 (pF)
10 to 15.9
22
220
56
20
16 to 24.9
22
220
56
10
25 to 54.9
22
100
56
10
55 to 129.9
22
100
47
5
130 to 199.9
22
47
47
5
200 to 349.9
10
47
47
5
350 to 600
10
47
47
5
FREQUENCY
(kHz)
R2 (k
Ω)
OPTIMUM FOR
3
2.0
minimum required ICC
8.0
minimum influence due to
change in VCC
6
1.0
minimum required ICC
4.7
minimum influence by VCC
10
0.5
minimum required ICC
2.0
minimum influence by VCC
14
0.5
minimum required ICC
1.0
minimum influence by VCC
>14
replace R2 by C3 with a typical value of
35 pF
Fig.14 Used as an astable multivibrator.
handbook, halfpage
U04
U04
C
RS
R
MNA356
The average ICC (mA) is approximately
3.5 + 0.05
× f (MHz) × C (pF) at VCC = 5.0 V.
R
S
2R
×
1
1
T
---
1
2.2RC
-----------------
=


Podobny numer części - 74AHCU04D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHCU04D NXP-74AHCU04D Datasheet
88Kb / 14P
   Hex inverter
Rev. 03-14 November 2007
logo
Nexperia B.V. All right...
74AHCU04D NEXPERIA-74AHCU04D Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
74AHCU04D-Q100 NEXPERIA-74AHCU04D-Q100 Datasheet
752Kb / 15P
   Hex unbuffered inverter
More results

Podobny opis - 74AHCU04D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com