Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP15 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części OP15
Szczegółowy opis  Precision JFET-Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

OP15 Arkusz danych(HTML) 4 Page - Analog Devices

  OP15 Datasheet HTML 1Page - Analog Devices OP15 Datasheet HTML 2Page - Analog Devices OP15 Datasheet HTML 3Page - Analog Devices OP15 Datasheet HTML 4Page - Analog Devices OP15 Datasheet HTML 5Page - Analog Devices OP15 Datasheet HTML 6Page - Analog Devices OP15 Datasheet HTML 7Page - Analog Devices OP15 Datasheet HTML 8Page - Analog Devices OP15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
–4–
OP15/OP17–SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage
All Devices Except C, G (Packaged)
and GR Grades . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±22 V
C, G (Packaged) and GR Grades . . . . . . . . . . . . . . . .
±18 V
Operating Temperature
A Grade . . . . . . . . . . . . . . . . . . . . . . . . . . –55
∞C to +125∞C
E, F Grades . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
∞C to 70∞C
G Grade . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
∞C to +85∞C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150
∞C
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All Devices Except C, G Grades . . . . . . . . . . . . . . . .
±40 V
C, G Grades . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Input Voltage
2
All Devices Except C, G Grades . . . . . . . . . . . . . . . .
±20 V
C, G Grades . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±16 V
Input Voltage
OP15E, OP15F . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20 V
OP15G . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±16 V
OP17A, OP17E, OP17F . . . . . . . . . . . . . . . . . . . . . .
±20 V
OP17G . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±16 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
∞C
NOTES
*Absolute Maximum Ratings apply to packaged parts, unless otherwise noted.
Package Type
JA*
JC
Unit
8-Lead Hermetic DIP (Z)
148
16
∞C/W
8-Lead SO (S)
158
43
∞C/W
TO-99 (J)
150
18
∞C/W
* JA is specified for worst-case mounting conditions, i.e., JA is specified for device
in socket for CERDIP and PDIP packages; JA is specified for device soldered to
printed circuit board for SO packages.
ORDERING GUIDE
TA = 25
∞C
Package Options
Operating
VOS MAX
Temperature
(mV)
TO-99
CERDIP
SOIC
Range
0.5
OP17EJ
OP15EZ
COM
OP17EZ
1.0
OP15FJ
*
OP15FZ
*
COM
OP17FJ
OP17FZ
3.0
OP15GJ
*
OP15GZ
*
OP15GS
*
XIND
OP17GZ
For military processed devices, please refer to the Standard Microcircuit Drawing
(SMD) available at www.dscc.dl.mil/programs/milspec/default.asp.
SMD Part Number
ADI Equivalent
5962-8954201GA
*
OP15AJMDA
5962-8954201PA
*
OP15AZMDA
5962-8954301GA
*
OP16AJMDA
5962-8954301PA
*
OP16AZMDA
*Not recommended for new designs. Obsolete April 2002.
8-Lead CERDIP
(Z-Suffix)
BAL
–IN
+IN
V–
NC
V+
OUT
BAL
1
2
3
4
5
6
7
8
8-Lead SOIC
(S-Suffix)
BAL
–IN
+IN
V–
NC
V+
OUT
BAL
1
2
3
4
5
6
7
8
8-Lead TO-99
(J-Suffix)
–20V
+20V
10k
10k
300
7
4
8
2
3
+3V
Figure 2. Burn-In Circuit


Podobny numer części - OP15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP150 AD-OP150 Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150GBC AD-OP150GBC Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150GRT AD-OP150GRT Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150GS AD-OP150GS Datasheet
65Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
OP150 AD-OP150_15 Datasheet
70Kb / 5P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
REV. 0
More results

Podobny opis - OP15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
OP-16 AD-OP-16_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
OP-15 AD-OP-15 Datasheet
776Kb / 14P
   PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS
OP-17 AD-OP-17_15 Datasheet
793Kb / 14P
   PRECISION JFET INPUT OPERATIONAL AMPLIFIERS
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Linear Technology
LF412A LINER-LF412A_15 Datasheet
492Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
LT1056 LINER-LT1056_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
LT1055 LINER-LT1055_1 Datasheet
281Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
logo
Analog Devices
ADA4000-1 AD-ADA4000-1_09 Datasheet
420Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. A
logo
Linear Technology
LT1055 LINER-LT1055_15 Datasheet
272Kb / 16P
   Precision, High Speed, JFET Input Operational Amplifiers
OP-15 LINER-OP-15 Datasheet
424Kb / 4P
   Precision, High Speed JFET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com