Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFR16S Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części SFR16S
Szczegółowy opis  Standard metal film resistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

SFR16S Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  SFR16S Datasheet HTML 1Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 2Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 3Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 4Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 5Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 6Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 7Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 8Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2001 Jan 17
5
BCcomponents
Product specification
Standard metal film resistors
SFR16S/25/25H
5033E/5043E/5053H
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal resistance are taken from the E24/E96 series for resistors with a tolerance of
±5%; ±1%.
The values of the E24/E96 series are in accordance with “IEC publication 60063”.
Fig.1 Drift nomogram.
MEA595
P
(W)
T
( C)
m
o
0.5
0.4
0.3
0.2
0.1
T
=
amb
40 C
o
70 C
o
100 C
o
125 C
o
155 C
o
1.5
1.0
0.7
0.5
0.3
0.2
0.1 %
2.0
1.5
1.0
0.7
0.5
0.3
0.2 %
∆ R / R for R 100 kΩ
∆ R / R for R 100 kΩ
10
00
0 h
10
00
h
22
kΩ
1 kΩ
100
kΩ
100
kΩ
SFR16S
5033E


Podobny numer części - SFR16S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SFR16S ETC-SFR16S Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR16S VISHAY-SFR16S Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
More results

Podobny opis - SFR16S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
logo
List of Unclassifed Man...
SFR165 ETC-SFR165 Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com