Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH162244DGG Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74ALVCH162244DGG
Szczegółowy opis  16-bit buffer/line driver with 30ohm termination resistor 3-State
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH162244DGG Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74ALVCH162244DGG Datasheet HTML 1Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH162244DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Philips Semiconductors
Product specification
74ALVCH162244
16-bit buffer/line driver with 30
W termination resistor
(3-State)
1998 Jun 29
5
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
V
HIGH level Input voltage
VCC = 2.3 to 2.7V
1.7
1.2
V
VIH
HIGH level Input voltage
VCC = 2.7 to 3.6V
2.0
1.5
V
V
LOW level Input voltage
VCC = 2.3 to 2.7V
1.2
0.7
V
VIL
LOW level Input voltage
VCC = 2.7 to 3.6V
1.5
0.8
V
VCC =2 3to3 6V; V =V or V ; IO = 100µA
VCC 02
VCC
VCC = 2.3 to 3.6V; VI = VIH or VIL; IO = –100µA
VCC*0.2
VCC
VCC = 2.3V; VI = VIH or VIL; IO = –4mA
VCC*0.4
VCC*0.11
VCC = 2.3V; VI = VIH or VIL; IO = –6mA
VCC*0.6
VCC*0.17
VOH
HIGH level output voltage
VCC = 2.7V; VI = VIH or VIL; IO = –4mA
VCC*0.5
VCC*0.09
V
VCC = 2.7V; VI = VIH or VIL; IO = –8mA
VCC*0.7
VCC*0.19
VCC = 3.0V; VI = VIH or VIL; IO = –6mA
VCC*0.6
VCC*0.13
VCC = 3.0V; VI = VIH or VIL; IO = –12mA
VCC*1.0
VCC*0.27
V
=2 3to3 6V; V =V
or V ; I = 100
µA
GND
020
VCC = 2.3 to 3.6V; VI = VIH or VIL; IO = 100µA
GND
0.20
VCC = 2.3V; VI = VIH or VIL; IO = 4mA
0.07
0.40
VCC = 2.3V; VI = VIH or VIL; IO = 6mA
0.11
0.55
VOL
LOW level output voltage
VCC = 2.7V; VI = VIH or VIL; IO = 4mA
0.06
0.40
V
VCC = 2.7V; VI = VIH or VIL; IO = 8mA
0.13
0.60
VCC = 3.0V; VI = VIH or VIL; IO = 6mA
0.09
0.55
VCC = 3.0V; VI = VIH or VIL; IO = 12mA
0.19
0.80
VCC =2 3to3 6V;
II
Input leakage current
VCC = 2.3 to 3.6V;
V
V
or GND
0.1
5
µA
I
g
VI = VCC or GND
µ
IOZ
3-State output OFF-state current
VCC = 2.3 to 3.6V; VI = VIH or VIL;
VO = VCC or GND
0.1
10
µA
ICC
Quiescent supply current
VCC = 2.3 to 3.6V; VI = VCC or GND; IO = 0
0.2
40
µA
∆ICC
Additional quiescent supply current
VCC = 2.3V to 3.6V; VI = VCC – 0.6V; IO = 0
150
750
µA
I
2
Bus hold LOW sustaining current
VCC = 2.3V; VI = 0.7V
45
µA
IBHL2
Bus hold LOW sustaining current
VCC = 3.0V; VI = 0.8V
75
150
µA
I
2
Bus hold HIGH sustaining current
VCC = 2.3V; VI = 1.7V
–45
µA
IBHH2
Bus hold HIGH sustaining current
VCC = 3.0V; VI = 2.0V
–75
–175
µA
IBHLO2
Bus hold LOW overdrive current
VCC = 3.6V
500
µA
IBHHO2
Bus hold HIGH overdrive current
VCC = 3.6V
–500
µA
NOTES:
1. All typical values are at Tamb = 25°C.
2. Valid for data inputs of bus hold parts.


Podobny numer części - 74ALVCH162244DGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVCH162244DGG NEXPERIA-74ALVCH162244DGG Datasheet
185Kb / 14P
   16-bit buffer/line driver with 30 Ω termination resistor; 3-State
Rev. 3 - 16 January 2018
More results

Podobny opis - 74ALVCH162244DGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
logo
Nexperia B.V. All right...
74ALVCH162244 NEXPERIA-74ALVCH162244 Datasheet
185Kb / 14P
   16-bit buffer/line driver with 30 Ω termination resistor; 3-State
Rev. 3 - 16 January 2018
logo
NXP Semiconductors
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
   20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com