Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH16825 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74ALVCH16825
Szczegółowy opis  18-bit buffer/driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16825 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVCH16825 Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16825 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
74ALVCH16825
18-bit buffer/driver (3-State)
1998 Jul 27
7
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
RL = 500 Ω
Test Circuit for switching times
Open
GND
S1
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT of pulse generators.
2
< VCC
tPLZ/tPZL
2.7V
2.7–3.6V
tPHZ/tPZH
GND
RL = 500 Ω
2 * VCC
SV00906
Waveform 3. Load circuitry for switching times


Podobny numer części - 74ALVCH16825

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVCH16825 NEXPERIA-74ALVCH16825 Datasheet
188Kb / 14P
   18-bit buffer/driver; 3-state
Rev. 3 - 6 April 2018
74ALVCH16825DGG NEXPERIA-74ALVCH16825DGG Datasheet
188Kb / 14P
   18-bit buffer/driver; 3-state
Rev. 3 - 6 April 2018
logo
Texas Instruments
74ALVCH16825DGGRE4 TI-74ALVCH16825DGGRE4 Datasheet
343Kb / 14P
[Old version datasheet]   Member of the Texas Instruments Widebus
74ALVCH16825DGGRG4 TI-74ALVCH16825DGGRG4 Datasheet
343Kb / 14P
[Old version datasheet]   Member of the Texas Instruments Widebus
74ALVCH16825DLG4 TI-74ALVCH16825DLG4 Datasheet
343Kb / 14P
[Old version datasheet]   Member of the Texas Instruments Widebus
More results

Podobny opis - 74ALVCH16825

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVCH16825 NEXPERIA-74ALVCH16825 Datasheet
188Kb / 14P
   18-bit buffer/driver; 3-state
Rev. 3 - 6 April 2018
logo
Texas Instruments
SN74ALVCH16825 TI-SN74ALVCH16825 Datasheet
112Kb / 8P
[Old version datasheet]   18-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
logo
Fairchild Semiconductor
74ACT18825 FAIRCHILD-74ACT18825 Datasheet
48Kb / 6P
   18-Bit Buffer/Line Driver with 3-STATE Outputs
74ACTQ18825 FAIRCHILD-74ACTQ18825 Datasheet
78Kb / 7P
   18-Bit Buffer/Line Driver with 3-STATE Outputs
logo
NXP Semiconductors
74ABT16241A PHILIPS-74ABT16241A Datasheet
74Kb / 10P
   16-bit buffer/driver 3-State
1998 Feb 25
74ALVCHT16835 PHILIPS-74ALVCHT16835 Datasheet
93Kb / 12P
   18-bit registered driver (3-State)
2002 Jun 05
74ALVC16835A PHILIPS-74ALVC16835A Datasheet
119Kb / 12P
   18-bit registered driver 3-State
2000 Mar 14
74AVC16835 PHILIPS-74AVC16835 Datasheet
89Kb / 10P
   18-bit registered driver 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16835A NEXPERIA-74ALVC16835A Datasheet
200Kb / 15P
   18-bit registered driver; 3-state
Rev. 7 - 19 January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com