Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH16843DGG Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74ALVCH16843DGG
Szczegółowy opis  18-bit bus-interface D-type latch 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16843DGG Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVCH16843DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16843DGG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16843
18-bit bus interface D-type latch (3-State)
1998 Aug 04
6
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
V
HIGH level Input voltage
VCC = 2.3 to 2.7V
1.7
1.2
V
VIH
HIGH level Input voltage
VCC = 2.7 to 3.6V
2.0
1.5
V
V
LOW level Input voltage
VCC = 2.3 to 2.7V
1.2
0.7
V
VIL
LOW level Input voltage
VCC = 2.7 to 3.6V
1.5
0.8
V
VCC =2 3to3 6V; V =V or V ; IO = 100µA
VCC 02
VCC
VCC = 2.3 to 3.6V; VI = VIH or VIL; IO = –100µA
VCC*0.2
VCC
VCC = 2.3V; VI = VIH or VIL; IO = –6mA
VCC*0.3
VCC*0.08
VO
HIGH level output voltage
VCC = 2.3V; VI = VIH or VIL; IO = –12mA
VCC*0.6
VCC*0.26
V
VOH
HIGH level output voltage
VCC = 2.7V; VI = VIH or VIL; IO = –12mA
VCC*0.5
VCC*0.14
V
VCC = 3.0V; VI = VIH or VIL; IO = –12mA
VCC*0.6
VCC*0.09
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC*1.0
VCC*0.28
V
=2 3to3 6V; V =V
or V ; I = 100
µA
GND
020
V
VCC = 2.3 to 3.6V; VI = VIH or VIL; IO = 100µA
GND
0.20
V
VCC = 2.3V; VI = VIH or VIL; IO = 6mA
0.07
0.40
V
VOL
LOW level output voltage
VCC = 2.3V; VI = VIH or VIL; IO = 12mA
0.15
0.70
VCC = 2.7V; VI = VIH or VIL; IO = 12mA
0.14
0.40
V
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.27
0.55
VCC =2 3to3 6V;
II
Input leakage current
VCC = 2.3 to 3.6V;
V
V
or GND
0.1
5
µA
I
g
VI = VCC or GND
µ
IOZ
3-State output OFF-state current
VCC = 2.3 to 3.6V; VI = VIH or VIL;
VO = VCC or GND
0.1
10
µA
ICC
Quiescent supply current
VCC = 2.3 to 3.6V; VI = VCC or GND; IO = 0
0.2
40
µA
∆ICC
Additional quiescent supply current
VCC = 2.3V to 3.6V; VI = VCC – 0.6V; IO = 0
150
750
µA
IBHL2
Bus hold LOW sustaining current
VCC = 2.3V; VI = 0.7V
45
µA
IBHL2
Bus hold LOW sustaining current
VCC = 3.0V; VI = 0.8V
75
150
µA
IBHH2
Bus hold HIGH sustaining current
VCC = 2.3V; VI = 1.7V
–45
µA
IBHH2
Bus hold HIGH sustaining current
VCC = 3.0V; VI = 2.0V
–75
–175
µA
IBHLO2
Bus hold LOW overdrive current
VCC = 3.6V
500
µA
IBHHO2
Bus hold HIGH overdrive current
VCC = 3.6V
–500
µA
NOTES:
1. All typical values are at Tamb = 25°C.
2. Valid for data inputs of bus hold parts.


Podobny numer części - 74ALVCH16843DGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74ALVCH16843DGG NEXPERIA-74ALVCH16843DGG Datasheet
204Kb / 16P
   18-bit bus-interface D-type latch; 3-State
Rev. 3 - 20 November 2017
More results

Podobny opis - 74ALVCH16843DGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH16843 PHILIPS-74ALVCH16843_15 Datasheet
88Kb / 12P
   18-bit bus-interface D-type latch (3-State)
1998 Aug 04
logo
Nexperia B.V. All right...
74ALVCH16843 NEXPERIA-74ALVCH16843 Datasheet
204Kb / 16P
   18-bit bus-interface D-type latch; 3-State
Rev. 3 - 20 November 2017
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
   20-bit bus interface D-type latch 3-State
1998 Jul 27
logo
Nexperia B.V. All right...
74ALVCH16841 NEXPERIA-74ALVCH16841 Datasheet
215Kb / 12P
   20-bit bus interface D-type latch; 3-state
Rev. 3 - 12 September 2018
logo
Texas Instruments
SN74ALS843 TI-SN74ALS843 Datasheet
90Kb / 6P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI1-SN74ALS845_11 Datasheet
223Kb / 9P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI-SN74ALS845 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS843 TI1-SN74ALS843_15 Datasheet
479Kb / 11P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74BCT29844 TI1-SN74BCT29844 Datasheet
99Kb / 6P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OURPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com