Zakładka z wyszukiwarką danych komponentów |
|
ITS621L1 Arkusz danych(PDF) 6 Page - Infineon Technologies AG |
|
ITS621L1 Arkusz danych(HTML) 6 Page - Infineon Technologies AG |
6 / 14 page PROFET® ITS621L1 Parameter and Conditions, each channel Symbol Values Unit at Tj = 25 °C, Vbb = 12 V unless otherwise specified min typ max Infineon Technologies AG 6 2006-Mar-28 Input and Status Feedback11) Input resistance Tj=-40..150°C, see circuit page 7 RI 2.5 3.5 6 k Ω Input turn-on threshold voltage Tj =-40..+150°C: VIN(T+) 1.7 -- 3.5 V Input turn-off threshold voltage Tj =-40..+150°C: VIN(T-) 1.5 -- -- V Input threshold hysteresis ∆ VIN(T) -- 0.5 -- V Off state input current (pin 3 or 6), VIN = 0.4 V, Tj =-40..+150°C IIN(off) 1 -- 50 µA On state input current (pin 3 or 6), VIN = 3.5 V, Tj =-40..+150°C IIN(on) 20 50 90 µA Delay time for status with open load after switch off (other channel in off state) (see timing diagrams, page 12 ), Tj =-40..+150°C td(ST OL4) 100 320 800 µs Delay time for status with open load after switch off (other channel in on state) (see timing diagrams, page 12 ), Tj =-40..+150°C td(ST OL5) -- 5 20 µs Status invalid after positive input slope (open load) Tj=-40 ... +150°C: td(ST) -- 200 600 µs Status output (open drain) Zener limit voltage Tj =-40...+150°C, IST = +1.6 mA: ST low voltage Tj =-40...+25°C, IST = +1.6 mA: Tj = +150°C, IST = +1.6 mA: VST(high) VST(low) 5.4 -- -- 6.1 -- -- -- 0.4 0.6 V 11) If a ground resistor RGND is used, add the voltage drop across this resistor. |
Podobny numer części - ITS621L1 |
|
Podobny opis - ITS621L1 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |