Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC22EA1R8J Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części MC22EA1R8J
Szczegółowy opis  High-Frequency, High-Stability Chip for Instruments and RF
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

MC22EA1R8J Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  MC22EA1R8J Datasheet HTML 1Page - List of Unclassifed Manufacturers MC22EA1R8J Datasheet HTML 2Page - List of Unclassifed Manufacturers MC22EA1R8J Datasheet HTML 3Page - List of Unclassifed Manufacturers MC22EA1R8J Datasheet HTML 4Page - List of Unclassifed Manufacturers MC22EA1R8J Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1605 East Rodney French Blvd.
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
1.033
C ORN ELL
DU BIL I ER
Your Source For Capacitor Solutions
Type MC, Surface-Mount Mica Chip Capacitors
Ordering Information
Order by complete part number, as below. For other options,
write your requirements on your quote request.
Surface-Mount Chip Mica Capacitors
MC
22
F
D
122
J
T
CDE
Case
Voltage
Capacitance
Type
Code
A = 100 Vdc
010-1pF
D = 500 Vdc
1R8=1.8pF
F = 1000 Vdc
(187)=187pF
182=1800pF
Characteristic
Char Capacitance
Temperature
Capacitance
Code
Range pF
Coefficient ppm/
°C
Drift
Tol. Code Tolerance
Capacitance Range
C
0.5 to 10
100
±100
±(.5% +0.1 pF)
B
±0.1 pF
0.5 pF to 10 pF
E
10.5 to 30
50
±50
±(.1%+0.1 pF)
C
±0.25 pF
0.5 pF to 99.5 pF
F
30.5 & up
25
±25
±(.05%+.1 pF)
D
±0.5 pF
0.5 pF to 10 pF
F
±1 pF
0.5 pF to 10 pF
C
±0.25%
100 pF and up
D
±0.5%
50.5 pF and up
F
±1 %
25.5 pF and up
G
±2%
13 pF and up
J
±5%
10.5 pF and up
Capacitance Tolerance
Available Capacitance Values
Capacitance, pF
Minimum
Case
Cap.
Code
100 Vdc
500 Vdc
1000 Vdc
Step, pF
08
0.5 to 43
N/A
N/A
0.5
12
43.5 to 100
0.5 to 100
N/A
0.5
12
101 to 430
101 to 150
N/A
1.0
12
1 to 50
1.0
18
250 to 820
100 to 470
N/A
1.0
22
821 to 1000
471 to 1000
N/A
1.0
22
1010 to 2000
1010 to 1200
100 to 1500
10.0
Standard Minimum Shipping Quantities
Reel Packed
Case Codes 08 & 12: 3,000/reel
Case Codes 18 & 22: 1,000/reel
Bulk Packed
100 per bag
Case Sizes
INCHES
MILLIMETERS
Case
Case
I
I
Code
Type
L
W
H
min/max
L
W
H
min/max
08
0805
.079
.049
.055
.008/.035
2.0
1.25
1.4
.2/.9
12
1210
.126
.098
.079
.012/.043
3.2
2.5
2.0
.3/1.1
18
1812
.177
.126
.079
.012/.051
4.5
3.2
2.0
.3/1.3
22
2220
.224
.197
.079*
.012/.051
5.7
5.0
2.0*
.3/1.3
+.02
–0
+.024
–.004
+.024
–.008
+.016
–.012
+.02
–0
+.024
–.004
+.024
–0
+.016
–.012
+.5
–0
+.6
–.1
+.6
–0
+.4
–.3
+.5
–0
+.6
–.1
+.6
–.2
+.4
–.3
010 = 1pF
1R8 = 1.8pF
(187) = 187pF
182 = 1800pF
Length
Width
—Solder-coated
Nickel/Silver Termination
Height
I
I
Package
leave blank for
bulk
add –“T” for reel
or tape
*.157 (4.0 mm) for 1000 V rating
8942 1.030-1.034
4/3/2000 6:17 PM
Page 33


Podobny numer części - MC22EA1R8J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
MC2201 VBSEMI-MC2201 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
MC2205 VBSEMI-MC2205 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
ATGBICS by Approved Tec...
MC2206125-007-C ATGBICS-MC2206125-007-C Datasheet
331Kb / 8P
   MC2206125-007 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 40G QSFP (7m, Passive)
MC2206128-005-C ATGBICS-MC2206128-005-C Datasheet
332Kb / 8P
   MC2206128-005 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 40G QSFP (5m, Passive)
MC2206130-001-C ATGBICS-MC2206130-001-C Datasheet
331Kb / 8P
   MC2206130-001 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 40G QSFP (1m, Passive)
More results

Podobny opis - MC22EA1R8J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TXC Corporation.
AE-SERIES TXC-AE-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
OZ-SERIES TXC-OZ-SERIES Datasheet
1Mb / 1P
   High precision and high frequency stability.
8Z-SERIES TXC-8Z-SERIES Datasheet
973Kb / 1P
   High precision and high frequency stability.
7M-SERIES TXC-7M-SERIES Datasheet
978Kb / 1P
   High precision and hig frequency stability.
logo
List of Unclassifed Man...
HG1012JA ETC1-HG1012JA Datasheet
56Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
HG-1012JA ETC1-HG-1012JA Datasheet
111Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
CA-301 ETC1-CA-301 Datasheet
52Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson Company
HG-1000 EPSON-HG-1000 Datasheet
82Kb / 2P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Advanced XTAL Products
AXIOM9000 AXTAL-AXIOM9000 Datasheet
479Kb / 5P
   Very High Frequency Stability
AXDO9000 AXTAL-AXDO9000 Datasheet
414Kb / 5P
   Very High Frequency Stability
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com