Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVT16953DL Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74ALVT16953DL
Szczegółowy opis  2.5V/3.3V 16-bit registered transceiver 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16953DL Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVT16953DL Datasheet HTML 2Page - NXP Semiconductors 74ALVT16953DL Datasheet HTML 3Page - NXP Semiconductors 74ALVT16953DL Datasheet HTML 4Page - NXP Semiconductors 74ALVT16953DL Datasheet HTML 5Page - NXP Semiconductors 74ALVT16953DL Datasheet HTML 6Page - NXP Semiconductors 74ALVT16953DL Datasheet HTML 7Page - NXP Semiconductors 74ALVT16953DL Datasheet HTML 8Page - NXP Semiconductors 74ALVT16953DL Datasheet HTML 9Page - NXP Semiconductors 74ALVT16953DL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16953
2.5V/3.3V 16-bit registered transceiver (3-State)
1998 Mar 26
6
DC ELECTRICAL CHARACTERISTICS (3.3V
"0.3V RANGE)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 3.0V; IIK = –18mA
–0.85
–1.2
V
VOH
High-level output voltage
VCC = 3.0 to 3.6V; IOH = –100µA
VCC–0.2
VCC
V
VOH
High-level out ut voltage
VCC = 3.0V; IOH = –32mA
2.0
2.3
V
VCC = 3.0V; IOL = 100µA
0.07
0.2
VOL
Low–level output voltage
VCC = 3.0V; IOL = 16mA
0.25
0.4
V
VOL
Low–level out ut voltage
VCC = 3.0V; IOL = 32mA
0.3
0.5
V
VCC = 3.0V; IOL = 64mA
0.4
0.55
VCC = 3.6V; VI = VCC or GND
Control pins
0.1
±1
VCC = 0 or 3.6V; VI = 5.5V
Control ins
0.1
10
II
Input leakage current
VCC = 3.6V; VI = 5.5V
0.1
10
µA
VCC = 3.6V; VI = VCC
Data pins4
0.1
1
VCC = 3.6V; VI = 0
0.1
-5
IOFF
Off current
VCC = 0V; VI or VO = 0 to 4.5V
0.1
±100
µA
IHOLD
Bus Hold current
VCC = 3V; VI = 0.8V
75
120
µA
IHOLD
A or B inputs
VCC = 3V; VI = 2.0V
–75
–130
µA
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 3.0V
50
125
µA
IPU/PD
Power up/down 3-State output
current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC;
OE/OE = Don’t care
40
±100
µA
ICCH
VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0
0.07
0.1
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0
3.5
5
mA
ICCZ
VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 05
0.07
0.1
∆ICC
Additional supply current per
input pin2
VCC = 3V to 3.6V; One input at VCC–0.6V,
Other inputs at VCC or GND
0.04
0.4
mA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V ± 0.3V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND.
5. ICCZ is measured with outputs pulled up to VCC or pulled down to ground.


Podobny numer części - 74ALVT16953DL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74ALVT16952DGG PHILIPS-74ALVT16952DGG Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74ALVT16952DL PHILIPS-74ALVT16952DL Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
More results

Podobny opis - 74ALVT16953DL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVT16543 PHILIPS-74ALVT16543 Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
   3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
74ALVT16245 PHILIPS-74ALVT16245 Datasheet
95Kb / 12P
   2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
   16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
NXP Semiconductors
74ABT16952 PHILIPS-74ABT16952 Datasheet
87Kb / 12P
   16-bit registered transceiver 3-State
1998 Feb 25
74ALVCH16952 PHILIPS-74ALVCH16952 Datasheet
85Kb / 12P
   16-bit registered transceiver 3-State
1998 Sep 01
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
74ALVT16646 PHILIPS-74ALVT16646 Datasheet
106Kb / 15P
   2.5V/3.3V 16-bus transceiver 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com