Zakładka z wyszukiwarką danych komponentów |
|
AM29DL640G70EI Arkusz danych(PDF) 10 Page - Advanced Micro Devices |
|
AM29DL640G70EI Arkusz danych(HTML) 10 Page - Advanced Micro Devices |
10 / 52 page 10 Am29DL640G June 7, 2002 PR E L I M I N A R Y addresses on the device address inputs produce valid data on the device data outputs. Each bank remains enabled for read access until the command register contents are altered. Refer to the AC Read-Only Operations table for timing specifications and to Figure 13 for the timing diagram. I CC1 in the DC Characteristics table represents the ac- tive current specification for reading array data. Writing Commands/Command Sequences To write a command or command sequence (which in- cludes programming data to the device and erasing sectors of memory), the system must drive WE# and CE# to V IL, and OE# to VIH. For program operations, the BYTE# pin determines whether the device accepts program data in bytes or words. Refer to “Word/Byte Configuration” for more in- formation. The device features an Unlock Bypass mode to facil- itate faster programming. Once a bank enters the Un- lock Bypass mode, only two write cycles are required to program a word or byte, instead of four. The “Byte/Word Program Command Sequence” section has details on programming data to the device using both standard and Unlock Bypass command se- quences. An erase operation can erase one sector, multiple sec- tors, or the entire device. Table 2 indicates the address space that each sector occupies. Similarly, a “sector address” is the address bits required to uniquely select a sector. The “Command Definitions” section has de- tails on erasing a sector or the entire chip, or suspend- ing/resuming the erase operation. The device address space is divided into four banks. A “bank address” is the address bits required to uniquely select a bank. I CC2 in the DC Characteristics table represents the ac- tive current specification for the write mode. The AC Characteristics section contains timing specification tables and timing diagrams for write operations. Accelerated Program Operation The device offers accelerated program operations through the ACC function. This is one of two functions provided by the WP#/ACC pin. This function is prima- rily intended to allow faster manufacturing throughput at the factory. If the system asserts V HH on this pin, the device auto- matically enters the aforementioned Unlock Bypass mode, temporarily unprotects any protected sectors, and uses the higher voltage on the pin to reduce the time required for program operations. The system would use a two-cycle program command sequence as required by the Unlock Bypass mode. Removing V HH from the WP#/ACC pin returns the device to nor- mal operation. Note that V HH must not be asserted on WP#/ACC for operations other than accelerated pro- gramming, or device damage may result. In addition, the WP#/ACC pin must not be left floating or uncon- nected; inconsistent behavior of the device may result. See “Write Protect (WP#)” on page 17 for related in- formation. Autoselect Functions If the system writes the autoselect command se- quence, the device enters the autoselect mode. The system can then read autoselect codes from the inter- nal register (which is separate from the memory array) on DQ15–DQ0. Standard read cycle timings apply in this mode. Refer to the Autoselect Mode and Autose- lect Command Sequence sections for more informa- tion. Simultaneous Read/Write Operations with Zero Latency This device is capable of reading data from one bank of memory while programming or erasing in the other bank of memory. An erase operation may also be sus- pended to read from or program to another location within the same bank (except the sector being erased). Figure 20 shows how read and write cycles may be initiated for simultaneous operation with zero latency. I CC6 and ICC7 in the DC Characteristics table represent the current specifications for read-while-pro- gram and read-while-erase, respectively. Standby Mode When the system is not reading or writing to the de- vice, it can place the device in the standby mode. In this mode, current consumption is greatly reduced, and the outputs are placed in the high impedance state, independent of the OE# input. The device enters the CMOS standby mode when the CE# and RESET# pins are both held at V CC ± 0.3 V. (Note that this is a more restricted voltage range than V IH.) If CE# and RESET# are held at VIH, but not within V CC ± 0.3 V, the device will be in the standby mode, but the standby current will be greater. The device re- quires standard access time (t CE) for read access when the device is in either of these standby modes, before it is ready to read data. If the device is deselected during erasure or program- ming, the device draws act ive current until t he operation is completed. I CC3 in the DC Characteristics table represents the standby current specification. |
Podobny numer części - AM29DL640G70EI |
|
Podobny opis - AM29DL640G70EI |