Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

JZC-7FF0061H Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części JZC-7FF0061H
Szczegółowy opis  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

JZC-7FF0061H Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  JZC-7FF0061H Datasheet HTML 1Page - List of Unclassifed Manufacturers JZC-7FF0061H Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHARACTERISTICS CURVE
12.2
12.2
22.5max.
3.5
16.5max.
2.3
5
Ø1.4
2.1
2
1
22.5max.
3.5
Ø1.4
2.1
2
2.3
5
1
16.5max.
1A
3- Ø 1.3
3
5
2
1
3
4- Ø 1.3
2
3
3
1C
4
5
1
4
1HT(VDC)
1ZT(VDC)
0
5
10
50
0
10
15
1Z
1H,1ZT
1HT
1
10
100
30VDC,250VAC
(Resistive)
100
0A
5A
0
10
100
1000
30
20
40
10A
10
80
100
90
110
120
130
1ZT(VAC)
1HT(VAC)
50
60
LIFE CURVE
MAXIMUM SWITCHING POWER
COIL TEMPERATURE RISE
Contact Current (A)
Contact Voltage (V)
Percentage Of Nominal Coil Voltage
52
Coil voltage 3, 5, 6, 9, 12, 18, 24, 48VDC
JZC-7FF /
012
S
1H
T
Contact Material
T: AgSnO2(10A) Nil: Silver Alloy(5A)
ORDERING INFORMATION
Type
Structure
S: Sealed IP67
Nil: Unsealed
Contact arrangement 1H:1 Form A
1Z:1 Form C
OUTLINE DIMENSIONS, WIRING DIAGRAM AND PC BOARD LAYOUT
Outline Dimensions
Wiring Diagram
PCB layout
F
Insulation System
F: Class F 155
Nil: Class B 130


Podobny numer części - JZC-7FF0061H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DB Lectro Inc
JZC-7F DBLECTRO-JZC-7F Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
JZC-7F01DC120.5 DBLECTRO-JZC-7F01DC120.5 Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
JZC-7F01DC120.6 DBLECTRO-JZC-7F01DC120.6 Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
JZC-7F01DC12S0.5 DBLECTRO-JZC-7F01DC12S0.5 Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
JZC-7F01DC12S0.6 DBLECTRO-JZC-7F01DC12S0.6 Datasheet
321Kb / 2P
   Small size, light weight, Low price. Low coil power consumption
More results

Podobny opis - JZC-7FF0061H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com