Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F148 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74F148
Szczegółowy opis  8-input priority encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F148 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74F148 Datasheet HTML 1Page - NXP Semiconductors 74F148 Datasheet HTML 2Page - NXP Semiconductors 74F148 Datasheet HTML 3Page - NXP Semiconductors 74F148 Datasheet HTML 4Page - NXP Semiconductors 74F148 Datasheet HTML 5Page - NXP Semiconductors 74F148 Datasheet HTML 6Page - NXP Semiconductors 74F148 Datasheet HTML 7Page - NXP Semiconductors 74F148 Datasheet HTML 8Page - NXP Semiconductors 74F148 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F148
8-input priority encoder
March 1, 1990
5
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
40
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–1
mA
IOL
Low-level output current
20
mA
Tamb
Operating free-air temperature range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VO
High level output voltage
VCC = MIN, VIL = MAX
±10%VCC
2.5
V
VOH
High-level output voltage
VIH = MIN, IOH = MAX
±5%VCC
2.7
3.4
V
VO
Low level output voltage
VCC = MIN, VIL = MAX
±10%VCC
0.30
0.50
V
VOL
Low-level output voltage
VIH = MIN, IOL = MAX
±5%VCC
0.30
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
I
Low level input current
I0
VCC = MAX V =0 5V
–0.6
mA
IIL
Low-level input current
I1 – I7, EI
VCC = MAX, VI = 0.5V
–1.2
mA
IOS
Short-circuit output current3
VCC = MAX
–60
–150
mA
ICC
Supply current (total)4
VCC = MAX
23
35
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
4. To measure ICC, outputs must be open, VIN on all inputs = 4.5V.


Podobny numer części - 74F148

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74F148 FAIRCHILD-74F148 Datasheet
61Kb / 6P
   8-Line to 3-Line Priority Encoder
74F148PC FAIRCHILD-74F148PC Datasheet
61Kb / 6P
   8-Line to 3-Line Priority Encoder
74F148SC FAIRCHILD-74F148SC Datasheet
61Kb / 6P
   8-Line to 3-Line Priority Encoder
74F148SJ FAIRCHILD-74F148SJ Datasheet
61Kb / 6P
   8-Line to 3-Line Priority Encoder
More results

Podobny opis - 74F148

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165 Datasheet
117Kb / 5P
   8-Input Priority Encoder
REV 5
logo
NXP Semiconductors
HEF4532B PHILIPS-HEF4532B Datasheet
99Kb / 8P
   8-input priority encoder
January 1995
10165 PHILIPS-10165 Datasheet
222Kb / 5P
   8-Input Priority Encoder
June 14 1990
logo
Motorola, Inc
MC10165 MOTOROLA-MC10165 Datasheet
112Kb / 6P
   8-Input Priority Encoder
MC14532B MOTOROLA-MC14532B Datasheet
230Kb / 8P
   8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165_06 Datasheet
158Kb / 8P
   8?묲nput Priority Encoder
March, 2006 ??Rev. 7
MC14532B ONSEMI-MC14532B Datasheet
197Kb / 12P
   8-Bit Priority Encoder
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
   8-BIT PRIORITY ENCODER
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
   8-bit Priority Encoder
logo
Fairchild Semiconductor
4532B FAIRCHILD-4532B Datasheet
119Kb / 3P
   8-INUPUT PRIORITY ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com